Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8889CS Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # MT8889CS
Description  Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889CS Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button MT8889CS Datasheet HTML 8Page - Mitel Networks Corporation MT8889CS Datasheet HTML 9Page - Mitel Networks Corporation MT8889CS Datasheet HTML 10Page - Mitel Networks Corporation MT8889CS Datasheet HTML 11Page - Mitel Networks Corporation MT8889CS Datasheet HTML 12Page - Mitel Networks Corporation MT8889CS Datasheet HTML 13Page - Mitel Networks Corporation MT8889CS Datasheet HTML 14Page - Mitel Networks Corporation MT8889CS Datasheet HTML 15Page - Mitel Networks Corporation MT8889CS Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MT8889C/MT8889C-1
4-118
Figure 14 - Test Circuits
Figure 15 - Application Notes
TEST POINT
MMD6150 (or
equivalent)
5.0 VDC
2.4 k
Ω
24 k
Ω
130 pF
MMD7000 (or
equivalent)
TEST POINT
5.0 VDC
3 k
Ω
100 pF
Test load for IRQ/CP pin
Test load for D0-D3 pins
INITIALIZATION PROCEDURE
A software reset must be included at the beginning of all programs to initialize the control registers after
power up. The initialization procedure should be implemented 100ms after power up.
Description:
Motorola
Intel
Data
RS0
R/W
WR RD
b3
b2
b1
b0
1) Read Status Register
1
1
1
0
X
X
X
X
2) Write to Control Register
1
0
0
1
0
0
0
0
3) Write to Control Register
1
0
0
1
0
0
0
0
4) Write to Control Register
1
0
0
1
1
0
0
0
5) Write to Control Register
1
0
0
1
0
0
0
0
6) Read Status Register
1
1
1
0
X
X
X
X
TYPICAL CONTROL SEQUENCE FOR BURST MODE APPLICATIONS
Transmit DTMF tones of 50 ms burst/50 ms pause and Receive DTMF Tones.
Sequence:
RS0
R/W
WR RD
b3
b2
b1
b0
1) Write to Control Register A
1
0
0
1
1
1
0
1
(tone out, DTMF, IRQ, Select Control Register B)
2) Write to Control Register B
1
0
0
1
0
0
0
0
(burst mode)
3) Write to Transmit Data Register
0
0
0
1
0
1
1
1
(send a digit 7)
4) Wait for an Interrupt or Poll Status Register
5) Read the Status Register
1
1
1
0
X
X
X
X
-if bit 1 is set, the Tx is ready for the next tone, in which case ...
Write to Transmit Register
0
0
0
1
0
1
0
1
(send a digit 5)
-if bit 2 is set, a DTMF tone has been received, in which case ....
Read the Receive Data Register
0
1
1
0
X
X
X
X
-if both bits are set ...
Read the Receive Data Register
0
1
1
0
X
X
X
X
Write to Transmit Data Register
0
0
0
1
0
1
0
1
NOTE: IN THE TX BURST MODE, STATUS REGISTER BIT 1 WILL NOT BE SET UNTIL 100 ms ( ±2 ms) AFTER THE DATA IS
WRITTEN TO THE TX DATA REGISTER. IN EXTENDED BURST MODE THIS TIME WILL BE DOUBLED TO 200 ms (± 4 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com