Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8889CS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8889CS
Description  Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889CS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8889CS Datasheet HTML 1Page - Mitel Networks Corporation MT8889CS Datasheet HTML 2Page - Mitel Networks Corporation MT8889CS Datasheet HTML 3Page - Mitel Networks Corporation MT8889CS Datasheet HTML 4Page - Mitel Networks Corporation MT8889CS Datasheet HTML 5Page - Mitel Networks Corporation MT8889CS Datasheet HTML 6Page - Mitel Networks Corporation MT8889CS Datasheet HTML 7Page - Mitel Networks Corporation MT8889CS Datasheet HTML 8Page - Mitel Networks Corporation MT8889CS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
4-107
®
Features
•
Central office quality DTMF transmitter/
receiver
•
Low power consumption
•
High speed adaptive micro interface
•
Adjustable guard time
•
Automatic tone burst mode
•
Call progress tone detection to -30dBm
Applications
•
Credit card systems
•
Paging systems
•
Repeater systems/mobile radio
•
Interconnect dialers
•
Personal computers
Description
The MT8889C is a monolithic DTMF transceiver with
call progress filter.
It is fabricated in CMOS
technology offering low power consumption and high
reliability.
The receiver section is based upon the industry
standard
MT8870
DTMF
receiver
while
the
transmitter
utilizes
a
switched
capacitor
D/A
converter for low distortion, high accuracy DTMF
signalling. Internal counters provide a
burst mode
such that tone bursts can be transmitted with precise
timing. A call progress filter can be selected allowing
a microprocessor to analyze call progress tones.
The MT8889C utilizes an adaptive micro interface,
which allows the device to be connected to a number
of popular microcontrollers with minimal external
logic. The MT8889C-1 is functionally identical to the
MT8889C except the receiver is enhanced to accept
lower level signals, and also has a specified low
signal rejection level.
Ordering Information
MT8889CE/CE-1
20 Pin Plastic DIP
MT8889CC/CC-1
20 Pin Ceramic DIP
MT8889CS/CS-1
20 Pin SOIC
MT8889CN/CN-1
24 Pin SSOP
-40°C to +85°C
Figure 1 - Functional Block Diagram
TONE
IN+
IN-
GS
OSC1
OSC2
VDD VRef
VSS
ESt
St/GT
D0
D1
D2
D3
IRQ/CP
DS/RD
CS
R/W/WR
RS0
∑
D/A
Converters
Row and
Column
Counters
Transmit Data
Register
Data
Bus
Buffer
Tone Burst
Gating Cct.
+
-
Oscillator
Circuit
Bias
Circuit
Control
Logic
Digital
Algorithm
and Code
Converter
Control
Logic
Steering
Logic
Status
Register
Control
Register
A
Control
Register
B
Receive Data
Register
Interrupt
Logic
I/O
Control
Low Group
Filter
High Group
Filter
Dial
Tone
Filter
ISSUE 2
May 1995
MT8889C/MT8889C-1
Integrated DTMF Transceiver
with Adaptive Micro Interface


Similar Part No. - MT8889CS

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8889CS ZARLINK-MT8889CS Datasheet
494Kb / 31P
Integrated DTMF Transceiver with Adaptive Micro Interface
More results

Similar Description - MT8889CS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
ISO2-CMOS Integrated DTMFTransceiver
MT8885 MITEL-MT8885 Datasheet
350Kb / 20P
Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
Integrated DTMFTransceiver with Intel Micro Interface
MT88L85 MITEL-MT88L85 Datasheet
350Kb / 20P
3V Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
MT88L89 MITEL-MT88L89 Datasheet
352Kb / 20P
3V Integrated DTMFTransceiver with Adaptive Micro Interface
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
Integrated DTMF Transceiver with Intel Micro Interface
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
Integrated DTMFTransceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
Integrated DTMF Transceiver with Adaptive Micro Interface
logo
Texas Instruments
LP8727 TI1-LP8727 Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
logo
Semtech Corporation
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com