Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8889CS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8889CS
Description  Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889CS Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8889CS Datasheet HTML 2Page - Mitel Networks Corporation MT8889CS Datasheet HTML 3Page - Mitel Networks Corporation MT8889CS Datasheet HTML 4Page - Mitel Networks Corporation MT8889CS Datasheet HTML 5Page - Mitel Networks Corporation MT8889CS Datasheet HTML 6Page - Mitel Networks Corporation MT8889CS Datasheet HTML 7Page - Mitel Networks Corporation MT8889CS Datasheet HTML 8Page - Mitel Networks Corporation MT8889CS Datasheet HTML 9Page - Mitel Networks Corporation MT8889CS Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MT8889C/MT8889C-1
4-112
Figure 9 - Description of Timing Events
EXPLANATION OF EVENTS
A)
TONE BURSTS DETECTED, TONE DURATION INVALID, RX DATA REGISTER NOT UPDATED.
B)
TONE #n DETECTED, TONE DURATION VALID, TONE DECODED AND LATCHED IN RX DATA REGISTER.
C)
END OF TONE #n DETECTED, TONE ABSENT DURATION VALID, INFORMATION IN RX DATA REGISTER
RETAINED UNTIL NEXT VALID TONE PAIR.
D)
TONE #n+1 DETECTED, TONE DURATION VALID, TONE DECODED AND LATCHED IN RX DATA REGISTER.
E)
ACCEPTABLE DROPOUT OF TONE #n+1, TONE ABSENT DURATION INVALID, DATA REMAINS UNCHANGED.
F)
END OF TONE #n+1 DETECTED, TONE ABSENT DURATION VALID, INFORMATION IN RX DATA REGISTER
RETAINED UNTIL NEXT VALID TONE PAIR.
EXPLANATION OF SYMBOLS
Vin
DTMF COMPOSITE INPUT SIGNAL.
ESt
EARLY STEERING OUTPUT. INDICATES DETECTION OF VALID TONE FREQUENCIES.
St/GT
STEERING INPUT/GUARD TIME OUTPUT. DRIVES EXTERNAL RC TIMING CIRCUIT.
RX0-RX3
4-BIT DECODED DATA IN RECEIVE DATA REGISTER
b3
DELAYED STEERING. INDICATES THAT VALID FREQUENCIES HAVE BEEN PRESENT/ABSENT FOR THE
REQUIRED GUARD TIME THUS CONSTITUTING A VALID SIGNAL. ACTIVE LOW FOR THE DURATION OF A
VALID DTMF SIGNAL.
b2
INDICATES THAT VALID DATA IS IN THE RECEIVE DATA REGISTER. THE BIT IS CLEARED AFTER THE STATUS
REGISTER IS READ.
IRQ/CP
INTERRUPT IS ACTIVE INDICATING THAT NEW DATA IS IN THE RX DATA REGISTER. THE INTERRUPT IS
CLEARED AFTER THE STATUS REGISTER IS READ.
tREC
MAXIMUM DTMF SIGNAL DURATION NOT DETECTED AS VALID.
tREC
MINIMUM DTMF SIGNAL DURATION REQUIRED FOR VALID RECOGNITION.
tID
MINIMUM TIME BETWEEN VALID SEQUENTIAL DTMF SIGNALS.
tDO
MAXIMUM ALLOWABLE DROPOUT DURING VALID DTMF SIGNAL.
tDP
TIME TO DETECT VALID FREQUENCIES PRESENT.
tDA
TIME TO DETECT VALID FREQUENCIES ABSENT.
tGTP
GUARD TIME, TONE PRESENT.
tGTA
GUARD TIME, TONE ABSENT.
DTMF Generator
The DTMF transmitter employed in the MT8889C/
MT8889C-1 is capable of generating all sixteen
standard DTMF tone pairs with low distortion and
high accuracy. All frequencies are derived from an
external 3.579545 MHz crystal. The sinusoidal
waveforms for the individual tones are digitally
synthesized using row and column programmable
dividers and switched capacitor D/A converters. The
row and column tones are mixed and filtered
providing a DTMF signal with low total harmonic
distortion and high accuracy. To specify a DTMF
signal, data conforming to the encoding format
shown in Table 1 must be written to the transmit Data
Register.
Note that this is the same as the receiver
output
code.
The
individual
tones
which
are
generated (fLOW and fHIGH) are referred to as Low
Group and High Group tones. As seen from the
table, the low group frequencies are 697, 770, 852
and 941 Hz. The high group frequencies are 1209,
1336, 1477 and 1633 Hz. Typically, the high group to
low group amplitude ratio (twist) is 2 dB to com-
pensate for high group attenuation on long loops.
The period of each tone consists of 32 equal time
segments. The period of a tone is controlled by
varying the length of these time segments. During
write operations to the Transmit Data Register the 4
bit data on the bus is latched and converted to 2 of 8
coding for use by the programmable divider circuitry.
This code is used to specify a time segment length,
which will ultimately determine the frequency of the
tone. When the divider reaches the appropriate
count, as determined by the input code, a reset pulse
is issued and the counter starts again. The number
of time segments is fixed at 32, however, by varying
the
segment
length
as
described
above
the
frequency can also be varied. The divider output
clocks
another
counter,
which
addresses
the
sinewave lookup ROM.
The lookup table contains codes which are used by
the switched capacitor D/A converter to obtain
discrete and highly accurate DC voltage levels. Two
identical circuits are employed to produce row
and
column tones, which are then mixed using a low
noise summing amplifier. The oscillator described
needs
no
“start-up”
time
as
in
other
DTMF
generators since the crystal oscillator is running
continuously thus providing a high degree of tone
burst
accuracy.
A
bandwidth
limiting
filter
is
incorporated and serves to attenuate distortion
products above 8 kHz. It can be seen from Figure 6
that the distortion products are very low in amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com