Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8889CS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8889CS
Description  Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889CS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8889CS Datasheet HTML 1Page - Mitel Networks Corporation MT8889CS Datasheet HTML 2Page - Mitel Networks Corporation MT8889CS Datasheet HTML 3Page - Mitel Networks Corporation MT8889CS Datasheet HTML 4Page - Mitel Networks Corporation MT8889CS Datasheet HTML 5Page - Mitel Networks Corporation MT8889CS Datasheet HTML 6Page - Mitel Networks Corporation MT8889CS Datasheet HTML 7Page - Mitel Networks Corporation MT8889CS Datasheet HTML 8Page - Mitel Networks Corporation MT8889CS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MT8889C/MT8889C-1
4-111
applications, leaving R1 to be selected by the
designer. Different steering arrangements may be
used to select independent tone present (tGTP) and
tone absent (tGTA) guard times. This may be
necessary to meet system specifications which place
both accept and reject limits on tone duration and
interdigital pause. Guard time adjustment also allows
the designer to tailor system parameters such as talk
off and noise immunity.
Increasing tREC improves talk-off performance since
it reduces the probability that tones simulated by
speech will maintain a valid signal condition long
enough to be registered. Alternatively, a relatively
short tREC with a long tDO would be appropriate for
extremely noisy environments where fast acquisition
time and immunity to tone drop-outs are required.
Design information for guard time adjustment is
shown in Figure 6. The receiver timing is shown in
Figure 7 with a description of the events in Figure 9.
Call Progress Filter
A
call
progress
mode,
using
the
MT8889C/
MT8889C-1, can be selected allowing the detection
of various tones, which identify the progress of a
telephone call on the network.
The call progress
tone input and DTMF input are common, however,
call progress tones can only be detected when CP
mode has been selected. DTMF signals cannot be
detected if CP mode has been selected (see Table
7). Figure 8 indicates the useful detect bandwidth of
the call progress filter. Frequencies presented to the
input, which are within the ‘accept’ bandwidth limits
of
the filter,
are
hard-limited
by a
high
gain
comparator with the IRQ/CP pin serving as the
output. The squarewave output obtained from the
schmitt trigger can be analyzed by a microprocessor
or counter arrangement to determine the nature of
the call progress tone being detected. Frequencies
which are in the ‘reject’ area will not be detected and
consequently the IRQ/CP pin will remain low.
Figure 8 - Call Progress Response
LEVEL
(dBm)
FREQUENCY (Hz)
-25
0
250
500
750
= Reject
= May Accept
= Accept
Figure 7 - Receiver Timing Diagram
Vin
ESt
St/GT
RX0-RX3
b3
b2
Read
Status
Register
IRQ/CP
EVENTS
AB
C
D
E
F
tREC
tREC
tID
tDO
TONE #n
TONE
#n + 1
TONE
#n + 1
tDP
tDA
tGTP
tGTA
tPStRX
tPStb3
DECODED TONE # (n-1)
# n
# (n + 1)
VTSt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com