Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RLP
Description  Insulated Precision Wirewound Resistors Axial Leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLP Datasheet(HTML) 1 Page - Vishay Siliconix

  RLP Datasheet HTML 1Page - Vishay Siliconix RLP Datasheet HTML 2Page - Vishay Siliconix RLP Datasheet HTML 3Page - Vishay Siliconix RLP Datasheet HTML 4Page - Vishay Siliconix RLP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RLP
www.vishay.com
Vishay Sfernice
Revision: 02-Apr-15
1
Document Number: 50009
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Insulated Precision Wirewound Resistors Axial Leads
In wirewound precision resistors, the RLP series holds a
leading position in professional applications whenever an
excellent stability of the ohmic value and a correspondingly
low temperature coefficient are required at the same time.
The RLP model resistors comply with the most stringent
requirements of the CECC 40-201-006 specification. The
series consists of 5 models covering the power range from
1 W to 10 W.
Non-inductive versions can be supplied on request by
specifying RLP-NI. For higher power dissipations, the use of
RH series resistors is recommended.
FEATURES
• 1 W to 10 W at 25 °C
• Approved according to CECC 40-201-006
• According to MIL-R-26/5C and MIL-R-26/6C
• Excellent stability < ± 0.3 % after 1000 h
• High power up to 10 W at 25 °C
• Low ohmic values 10 m
 available
• Low temperature coefficient
 ± 50 ppm/°C
• Electrical insulation
• Climatic protection
• Termination = Pure matte tin or Sn/Ag/Cu according to the
ohmic value
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
•
Undergoes European Quality Insurance System (CECC)
DIMENSIONS in millimeters
SERIES
AND STYLE
A MAX.
Ø B MAX.
E ± 0.1
WEIGHT
g
R > 0.15
R
 0.15 
RLP1
7
2.5
-
0.6
0.27
RLP2
10.2
4.0
6
0.6
0.48
RLP3
14
5.54
9
0.8
1.3
RLP6
23.82
8.71
11
0.8
3.4
RLP10
46.78
10.32
180K
0.8
8.6
TECHNICAL SPECIFICATIONS
VISHAY SFERNICE SERIES AND STYLE
RLP1
RLP2
RLP3
RLP6
RLP10
Reference CECC 40-201-006
A
B
C
D
E
Cross-Reference NF C83-210
RP8
RP7
RP4
RP5
RP6
Cross-Reference MIL-R-26/5C and MIL-R-26/6C
RW81
RW80
RW79
RW74
RW78
Power Rating, Pr
CECC 40-201-006 Power
at 25 °C, P25
at 70 °C, P70
1 W
0.8 W
1.5 W
1.25 W
2.5 W
2 W
--
Extended Sfernice Power
at 25 °C, P25
at 70 °C, P70
1 W
0.8 W
2 W
1.65 W
3 W
2.5 W
6 W
5 W
10 W
8.2 W
Ohmic Range in Relation to Tolerance
± 5 % E24
0.05
 to
2 k
0.025
 to
6.8 k
0.01
 to
15 k
0.02
 to
59 k
0.06
 to
150 k
± 2 % E48
0.05
 to
2 k
0.025
 to
6.8 k
0.03
 to
15 k
0.02
 to
59 k
0.06
 to
150 k
± 1 % E96
0.05
 to
2 k
0.025
 to
6.8 k
0.03
 to
15 k
0.02
 to
59 k
0.06
 to
150 k
± 0.5 % E96
0.4
 to
2 k
0.4
 to
6.8 k
0.0499
 to
15 k
0.3
 to
59 k
0.3
 to
150 k
± 0.1 % E96
Please consult Vishay Sfernice
Qualified Ohmic Value Range
CECC 40-201-006
1
 to
470
0.2
 to
1.78 k
0.1
 to
3.57 k
0.1
 to
12.1 k
0.1
 to
40.2 k
Limiting Element Voltage, Umax. AC/DC
50 V
120 V
200 V
300 V
720 V
Critical Resistance
Out of nominal ohmic range
17 800 W
51 100 W
25 min.
25 min.
A
25 min.
25 min.
A
Ø B
Ø E
Ø B
Ø E
L max.
4
4
Ø a ± 0.02
RLP1 - RLP2 a = 1 mm
RLP3 - 6 - 10 a = 1.2 mm
INSULATED
MOLDED
45° chamfer
max. 0.25 mm
deep
RLP1 - RLP2


Similar Part No. - RLP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RLP-105 MINI-RLP-105 Datasheet
365Kb / 1P
Low Pass Filter
RLP-105+ MINI-RLP-105+ Datasheet
365Kb / 1P
Low Pass Filter
RLP-1094 MINI-RLP-1094 Datasheet
518Kb / 3P
Low Pass Filter
RLP-1094+ MINI-RLP-1094+ Datasheet
518Kb / 3P
Low Pass Filter
RLP-120 MINI-RLP-120 Datasheet
364Kb / 1P
Low Pass Filter
More results

Similar Description - RLP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBR52L12601BR ETC1-RBR52L12601BR Datasheet
411Kb / 2P
AXIAL LEAD PRECISION WIREWOUND RESISTORS
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
coat insulated, precision coat insulated miniature wirewound leaded resistors
RW1NT103 KOA-RW1NT103 Datasheet
97Kb / 2P
coat insulated miniature precision power wirewound resistors
logo
IRC - a TT electronics ...
RBR52L12601BR IRCTT-RBR52L12601BR Datasheet
215Kb / 4P
Axial Lead Precision Wirewound Resistors
logo
Vishay Siliconix
RWM062210R0JA15E1 VISHAY-RWM062210R0JA15E1 Datasheet
87Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
31-Oct-13
RWM06221800JA15E1 VISHAY-RWM06221800JA15E1 Datasheet
87Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
31-Oct-13
RMB VISHAY-RMB Datasheet
100Kb / 4P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
RWM VISHAY-RWM Datasheet
80Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
15-Apr-14
BSI VISHAY-BSI Datasheet
128Kb / 4P
Molded and Insulated Wirewound Power Resistors Axial Leads
09-Mar-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com