Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RLP
Description  Insulated Precision Wirewound Resistors Axial Leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLP Datasheet(HTML) 4 Page - Vishay Siliconix

  RLP Datasheet HTML 1Page - Vishay Siliconix RLP Datasheet HTML 2Page - Vishay Siliconix RLP Datasheet HTML 3Page - Vishay Siliconix RLP Datasheet HTML 4Page - Vishay Siliconix RLP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RLP
www.vishay.com
Vishay Sfernice
Revision: 02-Apr-15
4
Document Number: 50009
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
RLP
01
5R500
J
R15
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
OPTION
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
RLP
01
02
03
06
10
N = non inductive winding
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
680R0 = 680
20301 = 20.3 k
88R88 = 88.88
...
B = 0.1 %
C = 0.2 %
D = 0.5 %
F = 1 %
G = 2 %
J = 5 %
Standard packaging:
Size 01 and 02:
S14 = bag, 100 pieces
size 03:
B15 = bulk, 20 pieces
size 06 and 10:
B25 = box, 50 pieces
As applicable
Ex = MEX
06
15
0
R
0
B
L
P
R
J0
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com