Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RLP
Description  Insulated Precision Wirewound Resistors Axial Leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLP Datasheet(HTML) 3 Page - Vishay Siliconix

  RLP Datasheet HTML 1Page - Vishay Siliconix RLP Datasheet HTML 2Page - Vishay Siliconix RLP Datasheet HTML 3Page - Vishay Siliconix RLP Datasheet HTML 4Page - Vishay Siliconix RLP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RLP
www.vishay.com
Vishay Sfernice
Revision: 02-Apr-15
3
Document Number: 50009
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STABILITY AND POWER RATING
Stability changes slightly according to power rating and ambient temperature. This fact is especially important for users needing
a life drift lower than the initial resistance tolerance. Typical drifts, after 2000 h life test made under the 90’ / 30’ conditions and
at an ambient temperature of 25 °C, are:
POWER RATING
NON INDUCTIVE WINDING (NI)
Non inductive (Ayrton Perry) winding available.
Please consult Vishay Sfernice.
INDUCTANCE (Example)
TEMPERATURE RISE
MARKING
Vishay Sfernice trademark, series, style, CECC style (if
applicable) nominal resistance (in
, k), tolerance (in %),
manufacturing date.
TEMPERATURE COEFFICIENT in the range -55 °C to +200 °C
OHMIC RANGE
REQUIREMENT
CECC 40-201-006
< 1
± 100 ppm/°C
1
 to < 10 
± 50 ppm/°C
 10 
± 25 ppm/°C
OHMIC RANGE
RLP1
RLP2
RLP3
RLP6
RLP10
R %/R %
Pr
1 W
2 W
3 W
5 W
10 W
0.3
0.5 Pr
0.5 W
1 W
1.5 W
2.5 W
5 W
0.15
AMBIENT TEMPERATURE IN °C
125
100
75
50
37
25
0
0
50
100
150
200
250 275 300 350
FREQUENCY IN MHz
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
0
RLP3 100 W
RLP3 NI 100 W
PACKAGING (see datasheet 50032 and 50033)
Reel of 1000 units for RLP1, RLP2, RLP3
Ammopack of 500 units for RLP1, RLP2, RLP3
Bag of 100 units for RLP1, RLP2
Blister of 20 units for RLP3
Box of 50 units for RLP6, RLP10
RATED POWER IN W
250
200
150
100
50
0
0
1.5
3.0
4.5
6.0
7.5
10.0
0
1
P
L
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com