Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RLP
Description  Insulated Precision Wirewound Resistors Axial Leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLP Datasheet(HTML) 2 Page - Vishay Siliconix

  RLP Datasheet HTML 1Page - Vishay Siliconix RLP Datasheet HTML 2Page - Vishay Siliconix RLP Datasheet HTML 3Page - Vishay Siliconix RLP Datasheet HTML 4Page - Vishay Siliconix RLP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RLP
www.vishay.com
Vishay Sfernice
Revision: 02-Apr-15
2
Document Number: 50009
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
RATED POWER
P25 °C
W
TOLERANCE
± %
RLP1
0.05 to 2K
1
0.1, 0.2, 0.5, 1, 2, 5
RLP2
0.025 to 6.8K
2
0.1, 0.2, 0.5, 1, 2, 5
RLP3
0.01 to 15K
3
0.1, 0.2, 0.5, 1, 2, 5
RLP6
0.02 to 59K
6
0.1, 0.2, 0.5, 1, 2, 5
RLP10
0.06 to 150K
10
0.1, 0.2, 0.5, 1, 2, 5
MECHANICAL SPECIFICATIONS
Series and Style
RLP1, RLP2
RLP3, RLP6, RLP10
Encapsulant
High temperature
mold compound
High temperature
silicone coating
Resistive Element
CuNi or NiCr
Ceramic Substrate
Alumina or steatite
Termination
Pure matte tin or Sn/Ag/Cu
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
-55 °C to 275 °C
Climatic Category
(LCT/UCT/days)
55/200/56
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
(
R/R OR INDICATED PARAMETER)
CECC 40-201-006
Short Time Overload
IEC 60115-1
6.25 PrExtended Sfernice Power or U = 2 Umax./5 s
for RLP1, RLP2, RLP3
12 PrExtended Sfernice Power or U = 2 Umax./5 s
for RLP6, RLP10
± (0.25 % + 0.05
)
Load Life
IEC 60115-1
90’/30’ cycles
1000 h PrExtended Sfernice Power + 25 °C
± (0.5 % + 0.05
)
Insulation R
 1 G
Dielectric w/s Voltage
IEC 60115-1
URMS = 500 V/60 s
No flashover or breakdown
Leakage current < 10 μA
Rapid Change of Temperature
IEC 60115-1
IEC 60068-2-14 Test Na
5 cycles (30’ at LCT/30’ at UCT)
-55 °C / +200 °C
± (0.25 % + 0.05
)
Climatic Sequence
IEC 60115-1
-55 °C / +200 °C/56 days
± (0.5 % + 0.05
)
Humidity (Steady State)
IEC 60115-1
IEC 60068-2-3 Test Ca
95 % HR/40 °C
56 days
± (0.5 % + 0.05
)
Insulation R
 100 M
Shock
IEC 60115-1
IEC 60068-2-27 Test Ea
50 g’s/half sine/
3 times by direction (i.e. 18 shocks)
± (0.25 % + 0.05
)
Vibration
IEC 60115-1
IEC 60068-2-6 Test Fc
10 Hz / 55 Hz
± (0.25 % + 0.05
)
Load Life at Upper Category
Temperature
IEC 60115-1
90’ / 30’ cycles
1000 h PrExtended Sfernice Power +200 °C
± (0.5 % + 0.05
)
Insulation R
 1 G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com