Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROX Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ROX
Description  Metal Oxide Resistors, Special Purpose, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ROX Datasheet(HTML) 1 Page - Vishay Siliconix

  ROX Datasheet HTML 1Page - Vishay Siliconix ROX Datasheet HTML 2Page - Vishay Siliconix ROX Datasheet HTML 3Page - Vishay Siliconix ROX Datasheet HTML 4Page - Vishay Siliconix ROX Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ROX
www.vishay.com
Vishay Dale
Revision: 23-Dec-14
1
Document Number: 31033
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Oxide Resistors, Special Purpose, High Voltage
The ROX is an excellent choice for high voltage systems
with the advantage of high wattage and space saving
dimensions.
FEATURES
• Low
TCR:
±
200
ppm/°C
standard;
± 100 ppm/°C, ± 50 ppm/°C available;
non-inductive only available with TC of
± 200 ppm/°C
• Tolerance: ± 1 %; ± 2 %; ± 5 %; ± 10 %
• High Voltage (up to 45 kV)
• For oil bath or open air operation
• Standard ROX product is coated; optional uncoated
version of the ROX product is available on request
• Matched sets available
• Special testing available upon request
• Applications: HV power supplies; laboratory equipment;
power control; aeronautical
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and / or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details.
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
MAXIMUM
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE (2)
TOLERANCE
± %
TEMPERATURE
COEFFICIENT (3)
± ppm/°C
P25 °C
W
P70 °C
W
P125 °C
W
ROX050
ROX-1/2
2
1.4
1
2K
1M to 100M
1, 2, 5, 10
50
1k to 100M
1, 2, 5, 10
100
100 to 1G
1, 2, 5, 10
200
ROX050..P
ROX-1/2P
2.8
1.96
1.4
2K
1M to 100M
1, 2, 5, 10
50
1k to 100M
1, 2, 5, 10
100
100 to 1G
1, 2, 5, 10
200
ROX075
ROX-3/4
3
2.16
1.5
5K
1M to 100M
1, 2, 5, 10
50
1k to 500M
1, 2, 5, 10
100
100 to 3G
1, 2, 5, 10
200
ROX075..N
ROX-3/4N
3
2.16
1.5
5K
100 to 1M
1, 2, 5, 10
200
ROX075..P
ROX-3/4P
4.2
3.02
2.1
5K
1M to 100M
1, 2, 5, 10
50
1k to 500M
1, 2, 5, 10
100
100 to 3G
1, 2, 5, 10
200
ROX075..NP
ROX-3/4NP
4.2
3.02
2.1
5K
100 to 1M
1, 2, 5, 10
200
ROX100
ROX-1
4
2.88
2
7.5K
1M to 100M
1, 2, 5, 10
50
1k to 500M
1, 2, 5, 10
100
150 to 3G
1, 2, 5, 10
200
ROX100..N
ROX-1N
4
2.88
2
7.5K
100 to 1M
1, 2, 5, 10
200
ROX100..P
ROX-1P
5.6
4.03
2.8
7.5K
1M to 100M
1, 2, 5, 10
50
1k to 500M
1, 2, 5, 10
100
150 to 3G
1, 2, 5, 10
200
ROX100..NP
ROX-1NP
5.6
4.03
2.8
7.5K
100 to 1M
1, 2, 5, 10
200
ROX150
ROX-1-1/2
5
3.6
2.5
11K
1M to 100M
1, 2, 5, 10
50
1k to 500M
1, 2, 5, 10
100
200 to 3G
1, 2, 5, 10
200
ROX150..N
ROX-1-1/2N
5
3.6
2.5
11K
100 to 1M
1, 2, 5, 10
200


Similar Part No. - ROX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROX05 MACOM-ROX05 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX05 MACOM-ROX05 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX05S MACOM-ROX05S Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX05S MACOM-ROX05S Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX1 MACOM-ROX1 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
More results

Similar Description - ROX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RDX VISHAY-RDX Datasheet
71Kb / 3P
Metal Oxide Resistors Special Purpose, High Voltage, Ratio Divider
19-Nov-10
RJU VISHAY-RJU Datasheet
95Kb / 3P
Metal Oxide Resistors, Special Purpose High Power, Ultra High Value
09-Sep-04
HVW VISHAY-HVW Datasheet
78Kb / 3P
Metal Alloy Resistors, Special Purpose, High Voltage
21-Aug-06
logo
IRC - a TT electronics ...
MO-11001JLF IRCTT-MO-11001JLF Datasheet
459Kb / 1P
METAL OXIDE RESISTORS
logo
Panasonic Semiconductor
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
logo
Vishay Siliconix
RNX0381M00FKEL VISHAY-RNX0381M00FKEL Datasheet
88Kb / 4P
Metal Oxide Resistors, Special Purpose, High Voltage
19-Sep-12
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
logo
Panasonic Semiconductor
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
logo
Vishay Siliconix
CMFFUSE VISHAY-CMFFUSE Datasheet
108Kb / 3P
Metal Film Resistors, Special Purpose, Fusible, Flameproof
RNX VISHAY-RNX Datasheet
82Kb / 4P
Metal Oxide Resistors, Special Purpose, High Voltage
19-Sep-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com