Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROX Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ROX
Description  Metal Oxide Resistors, Special Purpose, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ROX Datasheet(HTML) 3 Page - Vishay Siliconix

  ROX Datasheet HTML 1Page - Vishay Siliconix ROX Datasheet HTML 2Page - Vishay Siliconix ROX Datasheet HTML 3Page - Vishay Siliconix ROX Datasheet HTML 4Page - Vishay Siliconix ROX Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ROX
www.vishay.com
Vishay Dale
Revision: 23-Dec-14
3
Document Number: 31033
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Some packaging codes are model specific.
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
Note
• All dimensions given are for the standard coated version of the ROX parts.
GLOBAL PART NUMBER INFORMATION
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
ROX050
ROX075
ROX100
ROX150
ROX200
ROX300
ROX400
ROX500
ROX600
Insulation Resistance
 1011
Category Temperature Range
°C
Epoxy coated = -55 / +180; Silicone coated = -55 / +230
DIMENSIONS in inches (millimeters)
GLOBAL
MODEL
STANDARD ROX AND STYLES N, P, S
STYLE T
STYLE Y
AB
C
C MAX.
ROX050
0.550 ± 0.032 (13.97 ± 0.81)
0.700 (17.78)
N/A
N/A
ROX075
0.800 ± 0.032 (20.32 ± 0.81)
0.900 (22.86)
1.168 ± 0.022 (29.66 ± 0.56)
1.050 (26.67)
ROX100
0.920 ± 0.032 (23.37 ± 0.81)
1.020 (25.91)
1.288 ± 0.022 (32.72 ± 0.56)
1.170 (29.72)
ROX150
1.550 ± 0.032 (39.37 ± 0.81)
1.650 (41.91)
1.918 ± 0.022 (48.72 ± 0.56)
1.800 (45.72)
ROX200
2.050 ± 0.032 (52.07 ± 0.81)
2.150 (54.61)
2.418 ± 0.022 (61.42 ± 0.56)
2.300 (58.42)
ROX300
3.050 ± 0.032 (77.47 ± 0.81)
3.150 (80.01)
3.418 ± 0.022 (86.82 ± 0.56)
3.300 (83.82)
ROX400
4.050 ± 0.032 (102.87 ± 0.81)
4.150 (105.41)
4.418 ± 0.022 (112.22 ± 0.56)
4.300 (109.22)
ROX500
5.050 ± 0.032 (128.27 ± 0.81)
5.150 (130.81)
5.418 ± 0.022 (137.62 ± 0.56)
5.300 (134.62)
ROX600
6.050 ± 0.032 (153.67 ± 0.81)
6.150 (156.21)
6.418 ± 0.022 (163.02 ± 0.56)
6.300 (160.02)
R
O
X3
0
010
0
M
G
N
F
5
GLOBAL
MODEL
(See Electrical
Specifications
table)
R =
Ω
F = ± 1 %
H = 50 ppm
EL = Lead (Pb)-free, lacer
(all, except 3, 4, 5, 6)
EE = Lead (Pb)-free,
T/R (1/2, 3/4, 1 only)
EM = Lead (Pb)-free, foam
(3, 4, 5, 6 only)
LB = Tin/lead, lacer
(all, except 3, 4, 5, 6)
RF = Tin/lead,
T/R (1/2, 3/4, 1 only)
F5 = Tin/lead, foam
(3, 4, 5, 6 only)
K = k
Ω
G = ± 2 %
K = 100 ppm
M = M
Ω
J = ± 5 %
N = 200 ppm
(Up to 3 digits)
G = G
Ω
K = ±
%
0
1
From 1 to 999
as applicable
910R = 910
Ω
10M0 = 10 M
Ω
1G00 = 1.0 G
Ω
New Global Part Numbering: ROX300100MGNF5 (preferred part numbering format)
Historical Part Number example: ROX-3100MGN (will continue to be accepted)
G
100M
ROX-3
HISTORICAL
MODEL
CONSTRUCTION
Blank = Standard
(Dash number)
CONSTRUCTION
SPECIAL
(Up to 2 digits)
Blank = Standard
N = Non-inductive
P = 0.040 Ø leads
S = Solid body, axial
T = Threaded terminals
U = Uncoated
Y = One end axial, one
threaded terminal
TEMP.
COEFFICIENT
PACKAGING (1)
N
F05
RESISTANCE
VALUE
TOLERANCE
CODE
TEMP.
COEFFICIENT
PACKAGING
RESISTANCE
VALUE
TOLERANCE
CODE
Style P has 0.040 (1.02) diameter leads.
0.310 (7.87) Max. Dia.
1.50
(38.10)
0.032 ± 0.002
(0.81 ± 0.05) Dia.
B
A
Style Y
0.330 (8.38) Max. Dia.
0.032 (0.81) Dia.
1.500
(38.10)
UNC #6-32 2B
C
Max.
Style T
UNC #6-32 2B
0.330 (8.38) Max. Dia.
C
Standard ROX and Styles N, P, and S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com