Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROX Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ROX
Description  Metal Oxide Resistors, Special Purpose, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ROX Datasheet(HTML) 2 Page - Vishay Siliconix

  ROX Datasheet HTML 1Page - Vishay Siliconix ROX Datasheet HTML 2Page - Vishay Siliconix ROX Datasheet HTML 3Page - Vishay Siliconix ROX Datasheet HTML 4Page - Vishay Siliconix ROX Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ROX
www.vishay.com
Vishay Dale
Revision: 23-Dec-14
2
Document Number: 31033
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Resistance values of 1 k
 and below are calibrated at 1 V
DC, values above 1 k up to 100 k are calibrated at 10 VDC, and values
above 100 k
 are calibrated at 100 V
DC. Calibration at other voltages available.
• ± 1 % not available above 1 G
• Part marking: Print marked - Dale, model, value, tolerance, temperature coefficient, date code
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
(2) For resistance values above and below those listed please contact us
(3) Typical TCR results
ROX150..P
ROX-1-1/2P
7
5.04
3.5
11K
1M to 100M
1, 2, 5, 10
50
1k to 500M
1, 2, 5, 10
100
200 to 3G
1, 2, 5, 10
200
ROX150..NP
ROX-1-1/2NP
7
5.04
3.5
11K
100 to 1M
1, 2, 5, 10
200
ROX200
ROX-2
6
4.32
3
15K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
205 to 3G
1, 2, 5, 10
200
ROX200..N
ROX-2N
6
4.32
3
15K
100 to 1M
1, 2, 5, 10
200
ROX200..P
ROX-2P
8.4
6.05
4.2
15K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
205 to 3G
1, 2, 5, 10
200
ROX200..NP
ROX-2NP
8.4
6.05
4.2
15K
100 to 1M
1, 2, 5, 10
200
ROX300
ROX-3
10
7.2
5
22.5K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
330 to 3G
1, 2, 5, 10
200
ROX300..N
ROX-3N
10
7.2
5
22.5K
400 to 10M
1, 2, 5, 10
200
ROX300..P
ROX-3P
14
10.1
7
22.5K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
330 to 3G
1, 2, 5, 10
200
ROX300..NP
ROX-3NP
14
10.1
7
22.5K
400 to 10M
1, 2, 5, 10
200
ROX400
ROX-4
12
8.64
6
30K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
600 to 3G
1, 2, 5, 10
200
ROX400..N
ROX-4N
12
8.64
6
30K
500 to 10M
1, 2, 5, 10
200
ROX400..P
ROX-4P
16.8
12.1
8.4
30K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
600 to 3G
1, 2, 5, 10
200
ROX400..NP
ROX-4NP
16.8
12.1
8.4
30K
500 to 10M
1, 2, 5, 10
200
ROX500
ROX-5
16
11.5
8
37.5K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
750 to 3G
1, 2, 5, 10
200
ROX500..N
ROX-5N
16
11.5
8
37.5K
500 to 10M
1, 2, 5, 10
200
ROX500..P
ROX-5P
22.4
16.1
11.2
37.5K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
750 to 3G
1, 2, 5, 10
200
ROX500..NP
ROX-5NP
22.4
16.1
11.2
37.5K
500 to 10M
1, 2, 5, 10
200
ROX600
ROX-6
20
14.4
10
45K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
850 to 3G
1, 2, 5, 10
200
ROX600..N
ROX-6N
20
14.4
10
45K
500 to 10M
1, 2, 5, 10
200
ROX600..P
ROX-6P
28
20.2
14
45K
1M to 500M
1, 2, 5, 10
50
1k to 1G
1, 2, 5, 10
100
850 to 3G
1, 2, 5, 10
200
ROX600..NP
ROX-6NP
28
20.2
14
45K
500 to 10M
1, 2, 5, 10
200
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
MAXIMUM
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE (2)
TOLERANCE
± %
TEMPERATURE
COEFFICIENT (3)
± ppm/°C
P25 °C
W
P70 °C
W
P125 °C
W
P x R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com