Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROX Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ROX
Description  Metal Oxide Resistors, Special Purpose, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ROX Datasheet(HTML) 4 Page - Vishay Siliconix

  ROX Datasheet HTML 1Page - Vishay Siliconix ROX Datasheet HTML 2Page - Vishay Siliconix ROX Datasheet HTML 3Page - Vishay Siliconix ROX Datasheet HTML 4Page - Vishay Siliconix ROX Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ROX
www.vishay.com
Vishay Dale
Revision: 23-Dec-14
4
Document Number: 31033
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
VOLTAGE COEFFICIENT
ROX MAXIMUM WORKING VOLTAGE
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
0
200
150
100
50
250
EPOXY
COATING
SILICONE
COATING
+ 230 °C
MECHANICAL SPECIFICATIONS
Terminal Strength
10 pound pull test
Solderability
Continuous satisfactory coverage
when tested in accordance with
MIL-STD-202, Method 208
MATERIAL SPECIFICATIONS
Element
High temperature fired cermet film
Core
High purity 96 % alumina, tubular or solid
Coating
Blue flame-retardant epoxy on ROX050 thru
ROX200. Black flameproof silicone on ROX300
thru ROX600
Termination
Standard lead material is solder-coated copper;
solderable and weldable.
0.032" (0.813 mm) style P 0.040" (1.02 mm)
available
0
- 5
- 10
10
7
10
8
10
9
10
10
- 3, - 4
- 5, - 6
- 1 1/2, - 2
- 3/4, - 1
- 1/2
RESISTANCE (
Ω)
Resistance Value (
Ω)
ROX-6
ROX-5
ROX-4
ROX-3
ROX-2
ROX-1-1/2
ROX-1
ROX-3/4
ROX-1/2
35 840
17 920
8960
4480
2240
1120
560
280
140
70
35
1K
4K
16K
64K 256K 1M
4M 16.3M 65.5M 262.1M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com