Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5849 Datasheet(PDF) 25 Page - Nippon Precision Circuits Inc

Part # SM5849
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849 Datasheet(HTML) 25 Page - Nippon Precision Circuits Inc

Back Button SM5849 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 26Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—25
TYPICAL APPLICATIONS
Input Interface Circuit
Digital audio interface receiver (CS8414)
Output Interface Circuit
Digital audio interface receiver (CS8404)
MLEN/DEEM
ICLK
ICKSL
LRCI
MCOM
IFM2
BCKI
DI
SM5849AF
3.3V
Level Shifter
(5V to 3.3V)
(256fsi)
Co/F0
MCK
SEL
FSYNC
CS12/FCK
SCK
SDATA
M3
M2
M1
M0
DIR
CS8414
5V
IWL1
IWL2
IFM1
TRNPT/FC1
FSYNC
M2
M1
SCK
SDATA
DIT
CS8404
5V
Level Shifter
(3.3V to 5V)
12.288MHz (128fso) 5V
OCKSL
LRCO
OWL1
BCKO
DOUT
OWL2
IISN
THRUN
SLAVE
SM5849AF
3.3V
M0
24.576MHz (256fso) 3.3V
External Clock
OCLK
MCK
3.3V
PRO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com