Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5849 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5849
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5849 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—13
Filter Characteristics
Anti-aliasing filter frequency characteristic
Deemphasis filter frequency characteristic
-140
-100
-80
-60
0
0.15 0.17 0.19
0.22
0.24 0.26 0.28
0.3 0.33 0.35
0.37
0.39 0.41
0.43
0.46
0.48
0.5
0.52
0.54 0.57 0.59
0.61 0.63
Frequency [
× fsi]
-40
-20
-120
Filter1
Up converter
Filter2
48 to 44.1kHz
Filter3
44.1 to 32kHz
Filter4
48 to 32kHz
Filter5
48 to 24kHz
Filter6
48 to 22.05kHz
-12.00
-8.00
-4.00
0.00
10
20.23
40.93
82.79
167.5
338.8
685.5
1387
2805
5675
11482
23227
Frequency [Hz]
-2.00
-6.00
-10.00
44.1KHz
48KHz
32KHz
-120
-80
-40
0
10
17.3
29.92
51.76
89.54
154.9
267.9
463.4
801.7
1387
2399
4150
7178
12417
21478
Frequency [Hz]
-20
-60
-100
44.1KHz
48KHz
32KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com