Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5849 Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5849
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849 Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5849 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—21
Filter Characteristic Selection
Conversion rates from 0.45 to 2.2 times are sup-
ported using the following 6 filter types.
The ratio between the output sample rate and input
sample rate is measured automatically and the most
suitable filter type for this ratio is selected automati-
cally.
When the selected fs conversion ratio and the actual
sample rate conversion ratio do not coincide, the fol-
lowing phenomenon occur.
System Reset (RSTN)
At power-ON, all device functions must be reset. The
device is reset by applying a LOW-level pulse on
RSTN. At system reset, the internal arithmetic opera-
tion, output timing counter and internal flag register
operation are synchronized on the next LRCI rising
edge. Note that all flags are set to their defaults (all
LOW).
A power-ON reset signal can be applied from an
external microcontroller. For systems where ICLK
and LRCI are stable at power ON, initialization can
be performed by connecting a 0.001µF capacitor
between RSTN and VSS. Otherwise, a capacitor
value should be chosen such that RSTN does not go
HIGH until after LRCI and ICLK have stabilized.
Through Mode (THRUN)
Synchronizing Internal Arithmetic Timing
The clock on LRCI should pass through 1 cycle for
every 384 (ICKSL = HIGH) or 256 (ICKSL = LOW)
ICLK clock cycles to maintain correct internal arith-
metic sequence. If the number of ICLK cycles is dif-
ferent, increases or decreases, or any jitter is present,
device operation could be affected.
There is a fixed-value tolerance within which the
internal sequence and LRCI clock timing are not
adversely affected.
Whenever the allowable tolerance is exceeded, the
internal sequence start-up may be delayed or fail.
When this occurs, there is a possibility that a click
noise will be generated.
Table 13. fs ratio and filter selection
Filter
mode
fs ratio (fso/fsi)
Selects range
C o n version
frequency
(example)
1
1.0 to 2.2
≥ 0.969697
Up conver ter
2
0.91875
0.864865 to
0.969697
48.0 to 44.1kHz
3
0.72562
0.711111 to
0.864865
44.1 to 32.0kHz
4
0.66667
0.627451 to
0.711111
48 to 32kHz
5
0.50000
0.492308 to
0.627451
48 to 24kHz,
96 to 48kHz
6
0.459375
≤ 0.492308
48 to 22.05kHz,
96 to 44.1kHz
Table 14. Mismatch condition and response
Condition1
1. An output noise may be generated if the fs conversion ratio changes at
a rate greater 0.119%/sec.
Response
Actual sample rate conversion
ratio is low er than the selected
filter conversion ratio
The audio band high-pass
d evelops aliasing noise.
Actual sample rate conversion
ratio is higher than the selected
filter conversion ratio
The audio band high-pass is cut
off.
Table 15. Through mode function description
T H R U N
Mode
Description
L O W
Through mode
Direct connections are made: LRCI
to LRCO, BCKI to BCKO , and DI to
DOUT. DMUTE is valid.
HIGH
N o r mal mode
Sample rate conver ter operation
Table 16. ICLK and clock tolerance
ICKSL
Allow a b le clock variation
HIGH (384fs mode)
+8 to
−6 cycles
L O W (256fs mode)
+4 to
−3 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com