Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9042AP Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation MT9042AP Datasheet HTML 10Page - Mitel Networks Corporation MT9042AP Datasheet HTML 11Page - Mitel Networks Corporation MT9042AP Datasheet HTML 12Page - Mitel Networks Corporation MT9042AP Datasheet HTML 13Page - Mitel Networks Corporation MT9042AP Datasheet HTML 14Page - Mitel Networks Corporation MT9042AP Datasheet HTML 15Page - Mitel Networks Corporation MT9042AP Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Information
MT9042
3-109
†
-Timing is over recommended temperature & power supply voltages.
‡ -Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
29
C2 clock output fall time
tFC2
5
9
ns
Load = 85pF
30
C2 clock output duty cycle
50
%
31
C4 clock period
tP-C4
244
ns
32
C4 clock output rise time
tRC4
5
9
ns
Load = 85pF
33
C4 clock output fall time
tFC4
5
9
ns
Load = 85pF
34
O
U
T
P
U
T
S
C4 clock output duty cycle
50
%
35
C8 clock period
tP-C8
122
ns
36
C8 clock output rise time
tRC8
5
9
ns
Load = 85pF
37
C8 clock output fall time
tFC8
5
9
ns
Load = 85pF
38
C8 clock output duty cycle
50
%
39
C16 clock period
tP-C16
61
ns
40
C16 clock output rise time
tRC16
5
9
ns
Load = 85pF
41
C16 clock output fall time
tFC16
5
9
ns
Load = 85pF
42
C16 clock output duty cycle
43
50
55
%
Duty cycle on
MCLKi =50%
AC Electrical Characteristics (see Fig. 7)†-Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com