Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9042AP Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT9042AP Datasheet HTML 1Page - Mitel Networks Corporation MT9042AP Datasheet HTML 2Page - Mitel Networks Corporation MT9042AP Datasheet HTML 3Page - Mitel Networks Corporation MT9042AP Datasheet HTML 4Page - Mitel Networks Corporation MT9042AP Datasheet HTML 5Page - Mitel Networks Corporation MT9042AP Datasheet HTML 6Page - Mitel Networks Corporation MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MT9042
Preliminary Information
3-100
Functional Description
The MT9042 is a fully digital, phase-locked loop
designed to provide timing references to interface
circuits
for
T1
and
E1
Primary
Rate
Digital
Transmission links. As shown in Figure 1, the PLL
consists of an input reference selection circuit (MUX),
a Time Interval Error corrector (TIE), and a PLL that
employs
a
high
resolution
Digitally
Controlled
Oscillator (DCO) to generate the T1 and E1 outputs.
The MT9042 accepts two reference clock inputs,
primary (PRI) and secondary (SEC) both connected
to independent external reference sources, either of
which
can
be
selected
as
reference
for
synchronization by the reference select (RSEL)
input.
The
selected
reference
signal
is
then
regenerated by the TIE correction circuit and passed
as a virtual reference to the PLL. The TIE correction
circuit will limit phase jumps (as specified by AT & T
TR62411
and
ETSI
ETS
300
011)
during
rearrangement
between
the
external
reference
clocks. This virtual
reference is then used by the
PLL for synchronizing the output signals.
The interface circuit on the output of the DCO
generates 1.544 MHz (C1.5), 3.088 MHz (C3), 2.048
MHz (C2), 4.096 MHz (C4), 8.192 MHz (C8), 16.384
MHz (C16), and three 8 kHz frame pulses F0o, FP8-
STB, and FP8-GCI.
Figure 3 - PLL Block Diagram
As shown in Figure 3, the PLL of the MT9042
consists of a phase detector (PD), a loop filter, a high
resolution DCO, and a digital frequency divider. The
digitally controlled oscillator (DCO) is locked in
frequency (n x fref) to one of three possible reference
frequencies, configured
using
pins FSEL1 and
FSEL2. Combined with the reference select input
RSEL, the PLL is capable of providing a full range of
E1/T1 clock signals synchronized to either the
primary PRI or secondary SEC input. The loop filter
is a first order lowpass structure that provides
approximately a 2 Hz bandwidth.
Divider
DCO
Phase
Loop
Filter
fref
fsync
Detector
Modes of Operation
The MT9042 can operate in one of two modes,
MANUAL or AUTOMATIC, as controlled by mode
select pins MS1 and MS2 (see Table 1). In MANUAL
mode,
the
user
is
responsible
for
switching
references during NORMAL operation, as well as
forcing the PLL into FREERUN or HOLDOVER
states.
When AUTOMATIC mode is selected, operation is
controlled by an internal state machine. Under state
machine
control,
input
reference
selection
is
automatically based upon the input levels of LOSS1
and LOSS2.
Manual Mode
In MANUAL mode operation, the input reference
selection
is
accomplished
through
a
2-to-1
multiplexer, which is controlled by the RSEL input
pin.
As shown in Table 2, for MANUAL mode
operation RSEL=0 selects PRI as the primary
reference input, while RSEL=1 selects SEC as the
primary reference input.
There are three possible input frequencies for
selection as the primary reference clock. These are 8
kHz, 1.544 MHz or 2.048 MHz. Frequency selection
is controlled by the logic levels of FSEL1 and FSEL2,
as shown in Table 3. This variety of input frequencies
was chosen to allow the generation of all the
necessary T1 and E1 clocks from either a T1, E1 or
frame pulse reference source.
MS2
MS1
Description of Operation
0
0
NORMAL (manual mode)
0
1
HOLDOVER (manual mode)
1
0
FREERUN (manual mode)
11
AUTOMATIC MODE
Table 3- Operating Modes of the MT9042
Mode
RSEL
Reference Input
Selected
Manual
0
PRI
Manual
1
SEC
Automatic
0
state machine control
Automatic
1
state machine control, but
treats SEC as primary
and PRI as secondary
Table 4- Reference Input Selection of the MT9042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com