Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9042AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9042AP Datasheet HTML 1Page - Mitel Networks Corporation MT9042AP Datasheet HTML 2Page - Mitel Networks Corporation MT9042AP Datasheet HTML 3Page - Mitel Networks Corporation MT9042AP Datasheet HTML 4Page - Mitel Networks Corporation MT9042AP Datasheet HTML 5Page - Mitel Networks Corporation MT9042AP Datasheet HTML 6Page - Mitel Networks Corporation MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Information
MT9042
3-101
Automatic Mode
In normal AUTOMATIC mode operation, the RSEL
input is set to 0. This will allow the state machine to
control PLL operation and select the reference input
based on the state of the LOSS1 and LOSS2 inputs
(see state transitions in Table 4). If the PRI reference
signal is lost (LOSS1 = HIGH, LOSS2 = LOW), then
the PLL will enter HOLDOVER mode immediately
and stay there for a time determined by the RC time
constant connected to the Guard Time input (GTi,
GTo).
When the primary reference signal has not been
regained and the guard time has been exceeded, the
reference will be switched to SEC.
The
time
constant determined by the RC circuit connected to
the GTi input provides the hysteresis on automatic
switching between PRI and SEC during very short
interruptions of the primary reference signal. The
Guard Time, tgt, can be predicted using the step
response of an RC network. The capacitor voltage
on the RC circuit is described by an exponential
curve. When the capacitor voltage reaches the
positive going threshold of GTi (typically 1.77 volts
for Schmitt trigger TTL inputs, see Figure 4) a logic
HIGH level results. This causes the state machine to
move from the holdover state of PRI to the state of
using SEC as the input reference. The following
equation can be used to determine the Guard Time
tgt:
VGTi
1.77v
time
Figure 4 - a) RC circuit for guard time,
R (
Ω)
C (f)
GTi
GTo
(a)
(b)
b) exponential waveform on GTi
tgt
t
gt
RC
V
dd
1.77
–
V
dd
-------------------------



ln
–
=
The state machine will continue to monitor the LOSS1
input and will switch back to the PRI reference once
the primary reference becomes functional as indicated
by the LOSS1 input. A logic level HIGH on both the
LOSS1 or LOSS2 inputs indicates that none of the
external
references
are
available.
Under
these
circumstances, the PLL will be switched into the
HOLDOVER state (within a specified rate of frame
slip) until a fuIly functional reference input is available.
Time Interval Error Correction Circuit
(TIE)
The TIE correction circuit generates a virtual input
synchronized
to
the
selected
primary
input
reference. After a reference rearrangement the TIE
corrects the phase of this new reference in such a
way that the virtual input preserves its phase. In
other words, reference switching will not create
significant phase changes on the virtual input, and
therefore, the outputs of the PLL.
The TIE reset (TRST) aligns the falling edge of the
current input with the falling edge of the primary
input reference. When TRST is held LOW for at least
100 ns, the next falling edge of the reference input
becomes aligned and passes through the TIE circuit
without additional delay.
PLL Measures of Performance
To meet the requirements of AT & T TR62411 and
ETSI 300 011, the following PLL performance
parameters were measured:
•
locking range and lock time
•
slip rate in holdover mode
•
free-run accuracy
•
maximum time interval error and slope
•
intrinsic jitter
•
jitter transfer function
•
output jitter spectrum
•
wander
FSEL
2
FSEL
1
Input Reference Frequency
00
Reserved
01
8 kHz
10
1.544 MHz
11
2.048 MHz
Table 5 - Input Frequency Selection of the MT9042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com