Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9042AP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9042AP Datasheet HTML 1Page - Mitel Networks Corporation MT9042AP Datasheet HTML 2Page - Mitel Networks Corporation MT9042AP Datasheet HTML 3Page - Mitel Networks Corporation MT9042AP Datasheet HTML 4Page - Mitel Networks Corporation MT9042AP Datasheet HTML 5Page - Mitel Networks Corporation MT9042AP Datasheet HTML 6Page - Mitel Networks Corporation MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MT9042
Preliminary Information
3-98
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1VSS
Negative Power Supply Voltage. Nominally 0 Volts.
2
TRST
TIE Circuit Reset (TTL compatible). When HIGH, the time interval error correction circuit is
alternately establishing the phase difference between the PRI and SEC reference inputs,
depending upon which input is selected as input for PLL synchronization. This information is
used to generate a virtual reference for input to the PLL. When LOW, the time interval error
correction circuit is bypassed.
3
SEC
Secondary Reference Input (TTL compatible). This input (either 8 kHz, 1.544 MHz, or
2.048 MHz as controlled by the input frequency selection pins) is used as an alternate
reference source for PLL synchronization.
4PRI
Primary Reference Input (TTL compatible). This input (either 8 kHz, 1.544 MHz, or 2.048
MHz as controlled by the input frequency selection pins) is used as the primary reference
source for PLL synchronization.
5VDD
Positive Supply Voltage. Nominally +5 volts.
6MCLKo
Master Clock Oscillator Output. This is a CMOS buffered output used for driving a 20 MHz
crystal.
7MCLKi
Master Clock Oscillator Input. This is a CMOS input for a 20 MHz crystal or crystal
oscillator. Signals should be DC coupled to this pin.
8
FP8-GCI Frame Pulse Output (CMOS compatible). This is an 8 kHz output framing pulse that
indicates the start of the active GCI-BUS frame. The pulse width is based upon the period of
the 8.192 MHz synchronization clock.
9F0o
Frame Pulse Output (CMOS compatible). This is an 8 kHz output framing pulse that
indicates the start of the active ST-BUS frame. The pulse width is based upon the period of
the 4.096 MHz synchronization clock. This is an active low signal.
10
FP8-STB Frame Pulse Output (CMOS compatible). This is an 8 kHz output framing pulse that
indicates the start of the active ST-BUS frame. The pulse width is based upon the period of
the 8.192 MHz synchronization clock.
11
C1.5
Clock 1.544 MHz (CMOS compatible). This ouput is a 1.544 MHz (T1) output clock locked
to the selected reference input signal.
12
C3
Clock 3.088 MHz (CMOS compatible). This output is a 3.088 MHz output clock locked to
the selected reference input signal.
1
6
5
43
2
7
8
9
10
11
23
19
20
21
22
24
25
26
27
28
VDD
MCLKo
MCLKi
FP8-GCI
F0o
FP8-STB
C1.5
GTi
GTo
LOSS2
LOSS1
MS2
MS1
RSEL
12 13 14 15 16 17 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com