Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3262 Datasheet(PDF) 7 Page - BOWIN ELECTRONIC CO.

Part # LS3262
Description  4 Digit Alarm Clock With Calendar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3262 Datasheet(HTML) 7 Page - BOWIN ELECTRONIC CO.

  LS3262 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LSI
LS3262
4 Digit Alarm Clock With Calendar
Application Circuit
3262
GND
MODE
OI
OO
PB
SET
T1
T2
V1
V2
VDD
VEE
B0
B1
C[1:2]
R0
S[1:14]
VDD
VDD
SUBSTRATE TO VDD
0.1
0.1
S[1:14]
C[1:2]
External Trigger Pin
LSI
LCD
PIEZO BUZZER
XTAL
32768Hz
1.5V
LCD DRAWING



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com