Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3262 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS3262
Description  4 Digit Alarm Clock With Calendar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3262 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS3262 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LSI
LS3262
4 Digit Alarm Clock With Calendar
format) to “11: A”(12 hour format), “12: P”(12 hour format) to
“11: P”(12 hour format) by pressing “M” key. Hold (2 sec) the
“M” key will have auto advance. Press “S” key to minute setting,
it can be set from “:00” to “:59” by pressing “M” key. Hold (2
sec) the “M” key will have auto advance. Press “S” key to return
normal mode (without minute setting) or hold mode(with minute
setting). In the hold mode, press “M” key only to return normal
mode.
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B [0:1]
OUTPUT
Buzzer output
V1, V2
OUTPUT
Doubler output
VEE
OUTPUT
-1.5V
T2, T1
INPUT (PL)
TEST pin
OO
OUTPUT
32KHz oscillator output
OI
INPUT
32KHz oscillator input
VDD
POWER
+1.5V power supply
GND
POWER
Ground
I[0:5]
INPUT(PH)
Input key/option
O[0:3]
OUTPUT
Trigger output (O[0:2])
C[1:2]
OUTPUT
LCD Common output
S[1:14]
OUTPUT
LCD Segment output
Note: (PL) – pull low
(PH) - pull high
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
*Comments
Stress above those listed under Absolute Maximum Ratings” may cause permanent damage to the
device.
These are stress rating only.
Functional operation of this device at these or any other conditions
above those indicated in the operational sections of this specification is not implied and exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
D.C. Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com