Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3262 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS3262
Description  4 Digit Alarm Clock With Calendar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3262 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS3262 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LSI
LS3262
4 Digit Alarm Clock With Calendar
LCD Drawing
COL
ALM
CHIME
((*))
PM
(4)
(3)
(2)
(1)
Functional Description
(a) After the power on, it switch into clock state and shows
“12:00”(12 hour format). The default value “1 Jan 12:00:00”.
(b) It shows 12 hour format and four group of
“Hour/minute”, “Alarm
time”, “Month/date”, and “second”. In clock state, “Hr : Min”
is shown with colon flashing 0.5 sec on and 0.5 sec off. Press “M”
key to indicate the “Alarm time” (if no key is pressed for 5
seconds, it will auto return to clock state “Hr : Min”), press
“M” key again to indicate the “Month/date” (if no key is pressed
for 5 seconds, it will auto return to clock state “Hr : Min”).
Press again to show the “second”. It can be clear by pressing
“S” key. It will stay in second indication until return to clock
state by pressing “M” key (the colon always on and not flash in
second state, it only flash in clock state “Hr : Min”).
(c) In normal state, press “S” key into the clock setting state. The
first setting is alarm option (alarm on/off or chime on/off), it can
be change by pressing “M” key. Press “S” key to alarm hour
setting, it can be set cycling from “12:
A”(12 hour format) to
“11: A”(12 hour format), “12: P”(12 hour format) to “11: P”(12
hour format) by pressing “M” key. Hold(2 sec) the “M” key will
have auto advance. Press “S” key to alarm minute setting, it can
be set from 0 to 59 by pressing “M” key. Hold (2 sec) the “M”
key will have auto advance. Press “S” key to return normal mode
(with alarm setting) or month setting (without alarm setting), it
can be set from 1 to 12 by pressing “M” key. Hold (2 sec) the
“M” key will have auto advance. Press “S” key to date setting,
it can be set from 1 to 28/30/31(depend the month) by pressing “M”
key. Hold (2sec) the “M” key will have auto advance. Press “S”
key to hour setting, it can be set cycling from “12:
A”(12 hour



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com