Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3262 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # LS3262
Description  4 Digit Alarm Clock With Calendar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3262 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  LS3262 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3262 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LSI
LS3262
4 Digit Alarm Clock With Calendar
(GND = 0V, Vdd = 1.5V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
1.25
1.5
1.7
V
Operating current
Idd
-
2
5
µA
No load
OSC. built-in cap
Cd
-
20
-
pF
OSC. trimmer cap
Ctrim
5
-
35
pF
Frequency stability
^f/f
-
-
10
ppM
Vdd=1.6-1.4
Buzzer output current
Ib
500
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V
Trigger output current
Ir
100
-
-
µA
Vr-Vss=0.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com