Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6055 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS6055
Description  7 Digit World Time Watch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6055 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS6055 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LSI
LS6055
7 Digit World Time Watch
Version 0.2(15.02.01)
Features
* 7 digit LCD display
* Hour:Minute Second display
* Month Date weekday display
* Alarm with Chime
* 32 World time display.
* DST function
* 2/3 keys operation
* 12/24Hour display
* 1/2 bias 1/3 duty LCD format
* Built in EL driver.
* Very low power consumption
* 32768 Crystal oscillator
* Single 3.0V operation.
General Description
The LS6055 is a 7 digit LCD watch I.C. with Hour:Minute Second, Month Date weekday display. It
support 12H/24 H display format and has a time alarm and hourly chime function. It has built-in
world time display of 32 major city.
DST function for all cities can be enable/disabled individually. It
can support 2/3 keys operation : KM, KS, KR. It has built-in EL driver controlled by KEL.
LCD Display
P M
2 4 H
P M
2 4 H


Similar Part No. - LS6055

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
LS6052 BOWIN-LS6052 Datasheet
77Kb / 6P
6 Digit Watch 5 icon
More results

Similar Description - LS6055

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
3 1/2 Digit Timer Watch
August 10, 2000
logo
Intersil Corporation
ICM7208 INTERSIL-ICM7208 Datasheet
621Kb / 7P
7-Digit LED Display Counter
logo
Extech Instruments Corp...
44537 EXTECH-44537 Datasheet
172Kb / 1P
Digital World Time Clock
logo
BOWIN ELECTRONIC CO.
E-LS1356-V1.2 BOWIN-E-LS1356-V1.2 Datasheet
113Kb / 6P
4 Digit Time With Colon Default
E-LS1357-V1.2 BOWIN-E-LS1357-V1.2 Datasheet
112Kb / 6P
4 Digit Time With Colon Default
LS6042 BOWIN-LS6042 Datasheet
31Kb / 2P
4 Digit Watch
LS6052 BOWIN-LS6052 Datasheet
77Kb / 6P
6 Digit Watch 5 icon
LS6102V06 BOWIN-LS6102V06 Datasheet
98Kb / 7P
10 Digit LCD Watch with EL Driver
LS6103 BOWIN-LS6103 Datasheet
85Kb / 7P
12 Digit LCD Watch with EL Driver
logo
STMicroelectronics
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com