Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6055 Datasheet(PDF) 6 Page - BOWIN ELECTRONIC CO.

Part # LS6055
Description  7 Digit World Time Watch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6055 Datasheet(HTML) 6 Page - BOWIN ELECTRONIC CO.

Back Button LS6055 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 10Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LSI
LS6055
Version 0.2 (15.02.01)
6
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B [0:1]
OUTPUT
Buzzer output
VC1, VC2
OUTPUT
Halfer output
VEE
OUTPUT
Halfer voltage
T2, T1
INPUT (PL)
TEST pin
OO
OUTPUT
oscillator output
OI
INPUT
oscillator input
VDD
POWER
+3.0V power supply
GND
POWER
Ground
I0-I5
INPUT(PL)
Input key
R[0:1]
OUTPUT
Motor Output
C[1:3]
OUTPUT
LCD Common output
S[1:28]
OUTPUT
LCD Segment output
Note: (PL) – pull low
(PH) - pull high
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
Comments
Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device.
These are stress rating only.
Functional operation of this device at these or any other
conditions above those indicated in the operational sections of this specification is not implied and
exposure to absolute maximum rating conditions for extended periods may affect device reliability.
D.C. Electrical Characteristics
(GND = 0V, Vdd = 3.0V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
2.5
3.0
3.6
V
Operating current
Idd
-
3
6
µA
No load
OSC. built-in cap
Cd
-
15
-
pF
Bonding option
Buzzer output current
Ib
500
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V
R[0:1] output current
Ir
0.8
-
-
mA
Vr-Vss=0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com