Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6055 Datasheet(PDF) 11 Page - BOWIN ELECTRONIC CO.

Part # LS6055
Description  7 Digit World Time Watch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6055 Datasheet(HTML) 11 Page - BOWIN ELECTRONIC CO.

Back Button LS6055 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 10Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 11Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LSI
LS6055
Version 0.2 (15.02.01)
11
======================
SIG| COM1| COM2| COM3
======================
C3 |
|
| C3
C2 |
| C2
|
C1 | C1
|
|
S1 | CC
| CB
| CA
S2 | CF
| CE
| CD
S3 | CI
| CH
| CG
S4 | CL
| CK
| CJ
S5 | CO
| CN
| CM
S6 | BC
| BB
| BA
S7 | BF
| BE
| BD
S8 | BI
| BH
| BG
S9 | BL
| BK
| BJ
S10| BO
| BN
| BM
S11| AC
| AB
| AA
S12| AF
| AE
| AD
S13| AI
| AH
| AG
S14| AL
| AK
| AJ
S15| AO
| AN
| AM
S16|
|
|
S17| 4C
| 4D
| H24
S18| 4G
| 4E
| CHIME
S19| 4B
| 4F
| *))
S20| 4A
|
|
S21| 3C
| 3D
| DST
S22| 3G
| 3E
| PM
S23| 3B
| 3F
| CO
S24| 3A
|
|
S25| 2C
| 2D
| 1C
S26| 2G
| 2E
| 1ADEG
S27| 2B
| 2F
| 1B
S28| 2A
|
|
* S16 is not used
Modification History :
Version 0.2(15.02.01) Update LCD table, 32 Time Zone Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com