Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6055 Datasheet(PDF) 5 Page - BOWIN ELECTRONIC CO.

Part # LS6055
Description  7 Digit World Time Watch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6055 Datasheet(HTML) 5 Page - BOWIN ELECTRONIC CO.

  LS6055 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6055 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LSI
LS6055
Version 0.2 (15.02.01)
5
Oscillator Trim Capacitor
The 32kHz crystal is connected across pad OI and OO when external trim capacitor is used.
The OI15PF can be used instead of OI which use internal capacitor of around 10-15pf.
ALL SEGMENT ON
When power up, the system will turns on all LCD segment for 2 – 3 seconds.
32 World Time is built-in the LS6055 as:
ZONE
RELATIVE TO GMT
HNL
-10
Honolulu
ANC
-9
LAX
-8
Los Angeles
DEN
-7
Denver
CHI
-6
Chicago, Mexico City
NYC
-5
New York, Toronto
CCS
-4
RIO
-3
Rio de Janeiro
LON
0
London
PAR
+1
Paris
AMS
+1
Amsterdam
FRA
+1
Frankfurt
CAI
+2
Cairo
JRS
+2
JED
+3
MCW
+3
Moscow
THR
+3 1/2
DXB
+4
KBL
+4 1/2
Kabul
KHI
+5
Karachi
DEL
+5 1/2
New Delhi
DAC
+6
RGN
+6 1/2
BKK
+7
Bangkok
HKG
+8
Hong Kong
PEK
+8
Beijing
TPE
+8
Taipei
TYO
+9
Tokyo
ADL
+9 1/2
SYD
+10
Sydney
NOU
+11
WLG
+12
Wellington



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com