Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256AC Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # PDSP16256AC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256AC Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button PDSP16256AC Datasheet HTML 9Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 10Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 11Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 12Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 13Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 14Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 15Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 16Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PDSP16256
13
Filter Control
Two control modes are available selected by input
signal FRUN. In EPROM load mode, when FRUN is
tied high the device will commence operation once the
coefficients have been loaded. The CLKOP signal
indicates when new input data is required and that new
results are available, see Fig. 7. In both EPROM and
remote master load modes, when FRUN is tied low
filter operation will not commence until a high has been
detected on signal FEN. This mode allows synchroni-
sation to an existing data stream. FEN should be taken
high when the first valid data sample is available so
that both are read into the device on the next SCLK
rising edge. Proper device operation requires FEN to
be low during control register and coefficient loading
both in EPROM mode and Remote Master mode. After
loading coefficients, filter operation is determined by
FRUN and FEN as described above.
During device reset RES must be held low for a mini-
mum of 16 SCLK cycles. After a reset the control
register returns to its default state of 8C80
HEX. This
places the device into the following mode :
q Single filter
q Sample rate equal to the clock rate
q Non-decimating
q A single device (Not in a cascade chain)
q Bank swap selected by bit in the control register
Coeficient Bank Swap
A Bank Swap feature is provided which allows all
coefficients to be simultaneously replaced with a dif-
ferent set. A bit in the Control Register (CR7) allows
the swap to be controlled by either input signal SWAP
or Control Register bit (CR6). The latter is useful if the
device is controlled by a microprocessor, when driving
a separate pin would entail additional address decod-
ing logic and an external latch.
If SWAP or bit CR6 is low, the coefficients used will be
those loaded into the lower banks illustrated in Fig. 14.
When the SWAP or CR6 is high, the upper banks are
used.
The actual swap will occur when the next sampling
clock active going transition occurs. This can be up to
seven system clocks later than the swap transition,
and is filter length dependent. The first valid filtered
output will then occur after the pipeline latencies given
in Tables 3 and 4.
Loading Coefficients
When the device is to operate in a stand alone
application then the coefficients can be down loaded
as a complete set from a previously programmed
EPROM. Alternatively if the system contains a micro-
processor they can be individually transferred from a
remote master under software control. In any mode
the system clock must be present and stable during
the transfer, and the addressing scheme is such that
the least significant address specifies the coefficient
applied to the first multiplier seen by incoming data.
The addresses used during the load operation are
those illustrated in Fig. 15. The Control Register is
loaded when CCS is high. In byte mode address A0 is
used to select the portion of control register loaded,
otherwise the address bits are redundant. When an
EPROM is used to provide coefficients, this redun-
dancy causes the number of locations needed for any
device to be double that for the coefficients alone.
Auto EPROM LOAD
When EPROM is tied low, the PDSP16256 assumes
the role of a master device in the system and controls
the loading of coefficients from an external EPROM,
see Fig.15. A load sequence commences when
the RES input goes high, and will continue until every
coefficient has been loaded. BUSY goes high to
indicate that a load sequence is occurring and the
filter output is invalid. The device will not commence
a filter operation until the FEN edge is received after
BUSY has gone low. This requirement can be avoided
if FRUN is tied high.
The address bus pins become outputs on the Master
device, and produce a new address every four system
clock periods. This four clock interval, minus output
delays and the data set up time, defines the available
EPROM access time.
The coefficients are always loaded as bytes. The
state ofb the BYTE pin on the master device is ig-
nored. This arrangement also allows the eight most
significant coefficient bus pins (C15:8) to be used for
other purposes as described later. Since the 16-bit
coefficients are loaded in two bytes the A0 pin speci-
fies the required byte. The maximum number of
stored coefficients is 128, eight address outputs are
therefore provided for the EPROM. These eight out-
puts from the Master must also drive the address
inputs on the slave devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com