Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256AC Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # PDSP16256AC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256AC Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button PDSP16256AC Datasheet HTML 12Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 13Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 14Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 15Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 16Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 17Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 18Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 19Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
PDSP16256
16
Using a Remote Master
When a remote master is used to load
coefficients, EPROM must be tied high and a
conventional peripheral interface is then provided. It
is not possible, however, to read coefficients already
stored. The master supplies an address and data
bus, and writes to the PDSP16256 occur under the
control of synchronous CS and WEN inputs. The
Coefficient Control Register pin (CCS) must be driven
by a master address line higher in significance than
A7:0. Both the WEN and CS signals must be low for
the load operation to occur. When loading the control
register the CS signal must be held low for a further 2
cycles, see Fig. 20. Since the internal write operation
is actually performed with the system clock, it is
necessary for the clock to be present during the
transfer.
The BYTE input defines whether coefficients are
loaded as a single 16 bit word or two 8-bit bytes. The
latter saves on connections to the remote master.
Address bits A7:0 are used in byte mode. 16-bit word
mode uses bits A6:0, A7 being redundant. When
writing in byte mode the least significant byte (A0 = 0)
must be written first followed by the most significant
byte (A0 = 1).
In byte mode the internal comparison between C15:12
and C11:8 is made, regardless of the state of EPROM .
For this reason pins C15:8 should all be tied low when
a remote master is used with byte transfers. This
ensures that the internal comparison gives equality
and allows the load operation to occur.
The address and coefficient buses plus
the WEN and CS signals must all meet the specified
set up and hold times with respect to the system
clock, see Fig 20 and Switching Characteristics.
This synchronous interface is optimum for the
majority of high end applications, when individual
coefficients must be updated at sample clock rates.
However, if the coefficients are to be loaded under
software control from a general purpose
microprocessor, the processor’s WRITE STROBE will
probably be asynchronous with the SCLK clock
used by the PDSP16256. In this case external
synchronising logic is needed, as shown in Fig.18.
Fig. 19 shows the recommended loading sequence
and filter operation initiation. The simplest technique
is to reset the device prior to loading a set of
coefficients. Coefficients may be loaded once BUSY
returns low or 22 cycles after RES is taken high.
When loading a device from a remote master the
control register must be loaded first followed by the
filter coefficients. Fig. 19 shows the required loading
sequence, two examples are given one for byte
mode the other for word mode. A gap of at least one
cycle must be left after loading the control register
before loading the first coefficient.
Filter operations are started by presenting the first
data word at the same time as raising signal FEN;
FRUN should always be low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com