Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256AC Datasheet(PDF) 23 Page - Mitel Networks Corporation

Part # PDSP16256AC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256AC Datasheet(HTML) 23 Page - Mitel Networks Corporation

Back Button PDSP16256AC Datasheet HTML 19Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 20Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 21Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 22Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 23Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 24Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 25Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 26Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 27Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
PDSP16256
23
Pin
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
C1
C2
C3
C4
C5
C6
C7
Pin
C8
C9
C10
C11
C12
C13
C14
C15
D1
D2
D3
D4
D13
D14
D15
E1
E2
E3
E13
E14
E15
F1
F2
F3
F13
F14
F15
G1
G2
G3
G13
G14
G15
H1
H2
H3
H13
Voltage
N/C
0V/180k
0V/180k
0V/180k
0V/180k
0V/180k
15·0V
0V/180k
0V
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
N/C
N/C
N/C
0V/180k
0V/180k
0V/180k
0V/180k
0V/180k
0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
N/C
N/C
N/C
N/C
0V/180k
0V/180k
0V/180k
0V/180k
Voltage
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
0V
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
15·0V
N/C
N/C
N/C
N/C
15·0V
15·0V/180k
15·0V/180k
15·0V/180k
N/C
Pin
H14
H15
J1
J2
J3
J13
J14
J15
K1
K2
K3
K13
K14
K15
L1
L2
L3
L13
L14
L15
M1
M2
M3
M13
M14
M15
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
Voltage
N/C
N/C
0V
0V/180k
0V/180k
N/C
N/C
0V
0V/180k
0V/180k
0V/180k
N/C
N/C
N/C
15·0V
15·0V
RESET
N/C
N/C
N/C
CLOCK
15·0V
0V
N/C
N/C
N/C
0V
15·0V
15·0V/180k
15·0V
15·0V
0V
0V
15·0V
15·0V
0V
0V
Pin
N12
N13
N14
N15
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
P12
P13
P14
P15
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
Voltage
15·0V
N/C
N/C
N/C
15·0V/180k
15·0V/180k
15·0V
15·0V
0V
0V
15·0V
15·0V
15·0V
0V
0V
0V
N/C
0V
N/C
0V/180k
15·0V
15·0V
0V
0V
15·0V
15·0V
15·0V
0V
15·0V
0V
0V
0V
15·0V
N/C
Table 9 Life test/burn-in connections for PDSP16256 MC AC1R (PGA). NOTE: PDA is 5% and based on
groups 1 and 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com