Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256AC Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # PDSP16256AC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256AC Datasheet(HTML) 4 Page - Mitel Networks Corporation

  PDSP16256AC Datasheet HTML 1Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 2Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 3Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 4Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 5Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256AC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
PDSP16256
4
PIN 1 INDEX
PIN 1
PIN 172
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
EXTRA PIN D4,
CONNECTED TO D3
AC144
GC172
Fig. 3b Pin connections for 172 pin QFP (top view)
Figure. 3 Pin connection diagrams (not to scale). See Table 1 for signal descriptions and Table 2 for
pinouts.
Fig. 3a Pin connections for 144 pin PGA package (bottom view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com