Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0AMA Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # 0AMA
Description  Stand Alone FFT Processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

0AMA Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button 0AMA Datasheet HTML 7Page - Mitel Networks Corporation 0AMA Datasheet HTML 8Page - Mitel Networks Corporation 0AMA Datasheet HTML 9Page - Mitel Networks Corporation 0AMA Datasheet HTML 10Page - Mitel Networks Corporation 0AMA Datasheet HTML 11Page - Mitel Networks Corporation 0AMA Datasheet HTML 12Page - Mitel Networks Corporation 0AMA Datasheet HTML 13Page - Mitel Networks Corporation 0AMA Datasheet HTML 14Page - Mitel Networks Corporation 0AMA Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PDSP16510A MA
11
GENERAL DUMP CONSIDERATIONS
The tri-state drivers on the output buses are only enabled
when both DAV and DEN are active. When DEN is tied
permanently, low the output bus will start to become valid from
the DOS edge which also generates the DAV output. The next
DOS edge can then be used to transfer the first output to the
next device. When DEN is driven low in response to the DAV
output, the outputs start to become valid when DEN goes low.
The Scale Tag outputs become valid at the same time as data,
and when enabled will continue to indicate the correct value
until all frequency bins have been dumped. If at any time
during the dump operation DEN goes in- active, then both the
data and scale tag outputs will go high impedance after the
delay shown in Table 3.
Valid transformed data is actually available within the
device from DAV going active until INEN again goes active,
and a new set of data is loaded. The output tristate drivers,
however, normally go high impedance when DAV goes in-
active once a dump operation has been completed. In order to
support systems in which it may be necessary to read the
transformed data more than once, a Control Register Bit is
provided which keeps the DAV output active until a further
INEN edge is received. The user must then keep track of how
many outputs have been dumped before INEN is generated to
start a new load operation.
The DAV output can be delayed by an amount equivalent
to the pipeline delay through the PDSP16330. This option is
invoked by setting a control bit, and allows DAV to indicate that
polar data is available at the output of the PDSP16330. When
the option is used the tri-state outputs will be enabled when
data is actually available and DEN is active, and not when DAV
eventually goes active.
Two Control Register Bits allow a range of dump size
options to be supported. In some applications the results of
interest may only lie in the lower 25 or 50% of the frequency
bins,
the sampling rate having been chosen to prevent
aliasing, and the transform size having been selected to give
the required frequency resolution. In other systems it is only
necessary to output the second half of a given sized transform.
This is useful when filtering is to be performed in the frequency
domain using Overlap /Discard Fast Convolutions. With this
method FIR filters with N taps can be implemented in the
frequency domain using 50% overlapped transforms on 2N
samples. After multiplication in the frequency domain with the
required frequency response, the inverse transform is per-
formed and the first half of each output is discarded. Since only
half the results are dumped, the dump clock need not be twice
the rate of the clock used to load data.
FULL CO - PROCESSOR OPERATION
A single device can be configured as a co-processor to a
host system in which both the loading and dumping of data is
under the control of the host. Such a system is shown in Figure
7, in which DEN is a host provided enable for host read
operations, and INEN is an enable for host write operations.
DIS and DOS are host data strobes.
The host loads a block of data into the PDSP16510, using
DIS enabled by INEN, which is then automatically trans-
formed. The DAV output provides a flag indicating that the
transform is complete, and results are then read by the host
using DOS enabled by DEN. A new set of inputs is not
normally loaded until the previous results are complete. If,
however, 1024 point transforms are not to be performed,
loading new data could coincide with dumping previous re-
sults. This, however, would require a host system with sepa-
rate input and output buses, and which also allowed coinci-
dent transfers. As discussed previously, transferring results
must take no longer than loading new data to prevent corrup-
tion of the outputs.
In the system illustrated by Figure 7, the host also controls
the mode of operation of the FFT processor. The DEF signal
is produced from an address decode, and the control parame-
ters are loaded from the host bus by connecting the AUX
inputs to the data outputs.
REAL ONLY TRANSFORMS WITH A SINGLE DEVICE
In the simplest case real transforms can, of course, be
computed by forcing zero levels on the imaginary input pins.
The device can, however, be configured to internally perform
two simultaneous real transforms instead of a single complex
transform. The block floating point logic will then use data from
both blocks when it determines the number of shifts to be
applied. This dual transform technique is used to increase the
maximum permissible sampling rates, but since an additional
data pass is required in order to un-scramble the transformed
data, the actual performance is not quite double that possible
Fig. 7. Host Controlled System
Figure 8. 1024 Point Real Transforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com