Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0AMA Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # 0AMA
Description  Stand Alone FFT Processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

0AMA Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button 0AMA Datasheet HTML 15Page - Mitel Networks Corporation 0AMA Datasheet HTML 16Page - Mitel Networks Corporation 0AMA Datasheet HTML 17Page - Mitel Networks Corporation 0AMA Datasheet HTML 18Page - Mitel Networks Corporation 0AMA Datasheet HTML 19Page - Mitel Networks Corporation 0AMA Datasheet HTML 20Page - Mitel Networks Corporation 0AMA Datasheet HTML 21Page - Mitel Networks Corporation 0AMA Datasheet HTML 22Page - Mitel Networks Corporation 0AMA Datasheet HTML 23Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
PDSP16510A MA
22
Pin No.
AC
G13
G14
G15
H1
H2
H3
H4
H5
H6
H7
H8
H9
H10
H11
H12
H13
H14
H15
J1
J2
J3
J4
J5
J6
J7
J8
J9
J10
J11
J12
J13
J14
J15
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K12
K13
K14
K15
L1
L2
L3
Pin No.
AC
D7
D8
D9
D10
D11
D12
D13
D14
D15
E1
E2
E3
E4
E5
E6
E7
E8
E9
E10
E11
E12
E13
E14
E15
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
F12
F13
F14
F15
G1
G2
G3
G4
G5
G6
G7
G8
G9
G10
G11
G12
Con.
N/C
N/C
N/C
N/C
N/C
V1
N/C
0V
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
V1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
Con.
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
V1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
V1
N/C
N/C
V1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
V1
Con.
N/C
N/C
N/C
0V
V1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
0V
0V
N/C
N/C
V1
V1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
0V
0V
N/C
N/C
V1
V1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
0V
0V
N/C
N/C
V1
V1
N/C
Pin No.
AC
L4
L5
L6
L7
L8
L9
L10
L11
L12
L13
L14
L15
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
M13
M14
M15
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
N13
N14
N15
Con.
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
0V
0V
N/C
N/C
V1
N/C
V1
V1
V1
0V
V1
V1
0V
0V
0V
N/C
0V
N/C
N/C
V1
V1
V1
V1
V1
V1
N/C
0V
0V
0V
0V
0V
0V
N/C
N/C
Pin No.
AC
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
D1
D2
D3
D4
D5
D6
Part No:
PDSP16510A MA Stand Alone FFT Processor
Package Type:
AC84
VDD max = +5.5V = V1
N/C = not connected
Fig.12(b) Life Test/Burn-in connections for AC84 package
NOTE: PDA is 5% and based on groups 1 and 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com