Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0AMA Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # 0AMA
Description  Stand Alone FFT Processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

0AMA Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button 0AMA Datasheet HTML 13Page - Mitel Networks Corporation 0AMA Datasheet HTML 14Page - Mitel Networks Corporation 0AMA Datasheet HTML 15Page - Mitel Networks Corporation 0AMA Datasheet HTML 16Page - Mitel Networks Corporation 0AMA Datasheet HTML 17Page - Mitel Networks Corporation 0AMA Datasheet HTML 18Page - Mitel Networks Corporation 0AMA Datasheet HTML 19Page - Mitel Networks Corporation 0AMA Datasheet HTML 20Page - Mitel Networks Corporation 0AMA Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
PDSP16510A MA
17
than 1024 points are to be performed simultaneously. It
changes the LFLG logic and allows sampling rates up to the
system clock rate to be achieved with multiple output proces-
sors.
BIT 11
When this bit is set the PDSP16510 will not generate DAV
until 24 DOS clocks after data was actually valid. In this case
the output tri-state drivers will be enabled at the correct time,
even though the DAV signal was not externally valid. Host
controlled dumping should not be used.
BIT 12
When this bit is set in the single device mode, the INEN
input is a simple load enable signal. When it is reset an INEN
edge is needed at the end of a load sequence before a new
one can commence.
When it is reset in a multiple device mode it has no
action, but when it is set it will cause the DEF high going edge
to also initiate a load operation.
BIT 14:13
These bits allow four dump size options to be provided.
Individual frequency bins are not accessible.
BIT 15
Under normal circumstances DAV would be expected to
go invalid when a transform has been dumped. In some
applications, however, it may be necessary to read the outputs
more than once. When this bit is set, DAV will remain valid until
the next INEN input, and will indicate that the transformed data
still remains in the internal buffer. As soon as the next INEN is
received the transformed data will be overwritten. Whilst DAV
remains active the output tri-states will be enabled.
WINDOW OPERATORS
Since only a finite segment of a signal can be observed and
processed at any one time, it is impossible to obtain pure
spectral lines. Discontinuities are introduced at the bounda-
ries of the observation interval which lead to spectral leakage.
Windows are weighting functions applied to the data in order
to reduce these discontinuities at the boundaries.
In the time domain the signal has to be observed through
a finite window as a matter of accord. This is in fact equivalent
to multiplying the signal with a set of uniform weights i.e. a
rectangular window operator. In the frequency domain the
spectrum of the data will be the spectrum of this weighting
function shifted to the sinusoidal frequencies of the compo-
nents in the data.
The rectangular window has a Fourier Transform which is
a SINC(X) function. This has sidelobes which are only 13dB
down from the main lobe. This severely limits the dynamic
range of the system since a second sinusoid in close proximity
would have its main lobe swamped by this side lobe. This
would occur if its amplitude was a mere 13dB down from the
first sinusoid.
Window operators are thus mathematically constructed
to cancel these sidelobes as far as possible. Unfortunately this
is normally done at the expense of making the main lobe
spread over more frequency bins. This reduces the ability of
the system to resolve two frequencies, and can only be
inputs. When data is from a single source, and no overlaps are
needed, only the real input should be used. If 50% or 75%
overlaps are needed from a single source of real data, the
device always expects blocks to be simultaneously loaded. An
external FIFO is then needed to supply data to the real inputs
after a delay of one block. Each block is thus loaded twice,
firstly through the Auxiliary inputs and then through the Real
inputs.
BIT 10:9
These bits define a single device system, or one of three
multiple device possibilities. The choice between the first and
second multiple device mode is dependent on the transform
size and the sampling rate needed. The third mode should
only be used when overlapped multiple transforms with less
Table 6. Mode Control Bit Allocations
BITS
Dec'
OPTION
2:0
000
16 x 16 COMPLEX
001
4 x 64 COMPLEX
010
256 COMPLEX
011
1024 COMPLEX
100
8 X 64 REAL
101
2 X 256 REAL
110
2 X 1024 REAL
111
NOT USED
3
0
SHIFT 3 PLACES AFTER PASS1
1
ALWAYS SHIFT 2 PLACES
5:4
00
RECTANGULAR
01
HAMMING WINDOW
10
BLACKMAN-HARRIS
11
INVERSE TRANSFORM
8:6
000
NO OVERLAP
001
50% OVERLAP
010
50% OVERLAP AND DIS
÷ 2
011
75% OVERLAP
100
75% OVERLAP AND DIS
÷ 4
101
DUAL SOURCE, NO OVERLAP
110
DUAL SOURCE, 50% OVERLAP
111
DUAL SOURCE, 75% OVERLAP
10:9
00
SINGLE DEVICE
01
N DEVICES, CONCURRENT I/O
10
N DEVICES, LOAD-TRANS-DUMP
11
SPECIAL MULTIPLE TRANSFORM
11
00
DAV NOT DELAYED
01
24 CLK DAV DELAY
12
0
INEN EDGE ACTIVATED
1
INEN IS SIMPLE ENABLE
14:13
00
O/P FIRST QUARTER
01
O/P FIRST HALF
10
O/P LAST HALF
11
O/P ALL RESULTS
15
0
NORMAL DAV
1
KEEP DAV ACTIVE TILL INEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com