Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0AMA Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # 0AMA
Description  Stand Alone FFT Processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

0AMA Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button 0AMA Datasheet HTML 15Page - Mitel Networks Corporation 0AMA Datasheet HTML 16Page - Mitel Networks Corporation 0AMA Datasheet HTML 17Page - Mitel Networks Corporation 0AMA Datasheet HTML 18Page - Mitel Networks Corporation 0AMA Datasheet HTML 19Page - Mitel Networks Corporation 0AMA Datasheet HTML 20Page - Mitel Networks Corporation 0AMA Datasheet HTML 21Page - Mitel Networks Corporation 0AMA Datasheet HTML 22Page - Mitel Networks Corporation 0AMA Datasheet HTML 23Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
PDSP16510A MA
20
Sub group
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
Characteristic
Output high voltage
Output low voltage
Input high voltage
Input low voltage
Input leakage current
Input capacitance
Output leakage current
Output S/C current
Characteristic
Symbol
Min
Max
16510A
MA
Clock Frequency ( MHz )
Ø
DC
40
Clock High Period ( ns )
T
CH
13
Clock Low Period ( ns )
T
CL
10
Max DOS, DIS Frequency
Ø
D
FØ
Note F =
4
6 + 0.001ØT
CL
Max DIS Frequency
Ø
D
Ø
Max DOS Frequency
Ø
D
Ø
ABSOLUTE MAXIMUM RATINGS [See Notes]
Supply voltage Vcc
-0.5V to 7.0V
Input voltage V
IN
-0.5V to Vcc + 0.5V
Output voltage V
OUT
-0.5V to Vcc + 0.5V
Clamp diode current per pin I
K (see note 2)
18mA
Static discharge voltage (HMB)
500V
Storage temperature T
S
-65
°C to 150°C
Junction Temperature, Military
155
°C
Package power dissipation
5000mW
Notes
I
OH = 4mA
I
OL = -4mA
SCLK, DIS, DOS, DEN need 3V
DEN needs 0.7V max
GND < V
IN < VCC
GND < V
OUT < VCC
V
CC = Max
SWITCHING CHARACTERISTICS
NOTES ON MAXIMUM RATINGS
1. Exceeding these ratings may cause permanent damage.
Functional operation under these conditions is not implied.
2. Maximum dissipation or 1 second should not be exceeded,
only one output to be tested at any one time.
3. Exposure to absolute maximum ratings for extended
periods may affect device reliablity.
4. Current is defined as positive into the device.
ELECTRICAL CHARACTERISTICS
Operating Conditions (unless otherwise state)
PDSP16510A MA
Tamb = -55 C to +125
°C.
Vcc = 5.0v
± 10%
Symbol
V
OH
V
OL
V
IH
V
IL
I
IN
C
IN
I
OZ
I
SC
Min.
2.4
-
2.0
-
-10
-50
10
Max.
-
0.4
-
0.8
+10
+50
300
Value
Typ.
10
Units
V
V
V
V
µA
pF
µA
mA
*
*
*
*
*
†
*
†
Sub group
9, 10, 11
9, 10, 11
9, 10, 11
9, 10, 11
Conditions
Max Ø high time is
1msec
Less than 1024 points
or Multiple Devices
Mode 1.
1024 points
or Multiple Devices
Modes 2 and 3.
*
†
†
*
*
*
*
All parameters marked * are tested during production
Parameters marked † are guaranteed by design and characterisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com