Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # MP1S
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button MP1S Datasheet HTML 10Page - Mitel Networks Corporation MP1S Datasheet HTML 11Page - Mitel Networks Corporation MP1S Datasheet HTML 12Page - Mitel Networks Corporation MP1S Datasheet HTML 13Page - Mitel Networks Corporation MP1S Datasheet HTML 14Page - Mitel Networks Corporation MP1S Datasheet HTML 15Page - Mitel Networks Corporation MP1S Datasheet HTML 16Page - Mitel Networks Corporation MP1S Datasheet HTML 17Page - Mitel Networks Corporation MP1S Datasheet HTML 18Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
SL1714
Fig.13 Example digital front end architecture
Note: All ICs shown in Fig. 12 are available from Mitel Semiconductor.
AGC
RF I/P
from
LNB
I/P
Filter
950MHz
2.15GHz
TUNER
(SL2015)
Tank
circuit
480MHz IF
IF
Filter
RF TUNER
MODULE
AGC
TANK
AGC
VCO
I
Q
PLL SYNTH. options
(SP5658) (3w bus)
(SP5055) (I2C bus)
(SP5655) (I2C bus)
(SP5659) (I2C bus)
0.22MHz
0.7V pk-pk
(SL1711)
2x6 bit, 90MS/s
ADC
(VP216)
VCO I/p
Loop/line
Filters
QPSK
Demod & FEC
(VP305)
Data
Stream
SL1714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com