Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MP1S
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MP1S Datasheet HTML 12Page - Mitel Networks Corporation MP1S Datasheet HTML 13Page - Mitel Networks Corporation MP1S Datasheet HTML 14Page - Mitel Networks Corporation MP1S Datasheet HTML 15Page - Mitel Networks Corporation MP1S Datasheet HTML 16Page - Mitel Networks Corporation MP1S Datasheet HTML 17Page - Mitel Networks Corporation MP1S Datasheet HTML 18Page - Mitel Networks Corporation MP1S Datasheet HTML 19Page - Mitel Networks Corporation MP1S Datasheet HTML 20Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
SL1714
ELECTRICAL CHARACTERISTICS (continued)
Test conditions (unless otherwise stated)
Tamb= See note 7. Vee= 0V, Vcc = 4.75 to 5.25 V, Fif = 479.5 MHz, IF bandwidth ± 30 MHz, output ampltude -11dBV
These characteristics are guaranteed by either production test or design. They apply within the specified ambient temperature
and supply voltage unless otherwise stated.
Characteristic
Pin
Min
Typ
Max
Units
Conditions
I & Q baseband output
2,7
8
20
Ω
See note (5), and Fig. 5.
impedance
I & Q baseband output
2, 7
-11
dBV
See note( 8)
recommended level
I & Q baseband output
2, 7
1.5
Vp-p
See note(6)
clipping level
IP3
2T,
output referred
+3
+9
dBV
2 input carriers at -39 dBV
within IF bandwidth of
±30MHz
AGC set to give composite
output of -11 dBV, IM3 tone
within baseband bandwidth
IM3
2T
output referred
-40
dBc
2 input carriers within IF
bandwidth of
±30MHz, AGC
set to give composite output
of -11 dBV, IM3 tone within
baseband bandwidth
All prescaler and other
-30
dBc
0.1 - 100MHz, referred to output
spurs in I & Q baseband
amplitude of - 11 dBV.
output.
Power supply rejection
20
dBc
Attenuation Vcc to I & Q outputs,
over 0-500KHz
Notes:
1.
Performance not guaranteed over full specified IF input operating range.
2.
I Q crosstalk is determined from the gain and phase match by the following formula.
Crosstalk = 20* Log (tan(phase error + Atan (1+amplitude imbalance) -45
°)).
3.
Over specified gain dynamic range, 1K
Ω and 15pF load up to 30MHz baseband.
4.
Over specified gain dynamic range, 1K
Ω and 15pF load up to 15MHz baseband.
5.
Over specified gain dynamic range, 1K
Ω and 15pF load up to 30MHz baseband.
6.
The device should not be operated beyond the point of output clipping since gain match may be
compromised.
7.
* Operating temperature range for the SL1714 is 0
°C to 70°C. This applies to applications featuring a double sided
copper board. For other applications not using such a board, the maximum operating temperature may be
reduced. Operating temperature range for the SL1714C is 0
° to 85°C.
8.
Operation above the recommended IQ output level may result in outputs with harmonic performance degraded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com