Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MP1S
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation MP1S Datasheet HTML 7Page - Mitel Networks Corporation MP1S Datasheet HTML 8Page - Mitel Networks Corporation MP1S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
SL1714
Fig.3 Typical RF input impedance
-j0.2
0
+j0.2
+j0.5
+j1
+j2
-j2
-j1
-j0.5
0.2
0.5
1
START 350 MHz
STOP 650 MHz
Marker 1 480MHz
Zreal
= 96
Ω
Zimag = 54
Ω
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com