Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MP1S
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation MP1S Datasheet HTML 7Page - Mitel Networks Corporation MP1S Datasheet HTML 8Page - Mitel Networks Corporation MP1S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
SL1714
QUICK REFERENCE DATA
Characteristic
Value
Units
Input noise figure, DSB
17
dB
Maximum conversion gain
48
dB
Minimum conversion gain
28
dB
IP3
2T
output referred
+8
dBV
Output clip voltage
1.5
V
Gain match up to 30MHz
± 0.5
dB
Phase match up to 15MHz
± 1
deg
Phase match up to 30MHz
± 1.5
deg
Gain flatness up to 30MHz
± 0.5
dB
VCO phase noise, SSB @ 10kHz offset
- 96
dBc/Hz
Prescaler division ratio
32
Prescaler output swing
1.6
Vp-p
Fig. 2 SL1714 block diagram
AGC
IFIN
VCODIS
VCO
AGC
AGC
÷32
LO
0 deg
90 deg
Quadrature
generator
PSCALB
PSCAL
Q OUT
I OUT
IFINB
VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com