Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MP1S
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation MP1S Datasheet HTML 7Page - Mitel Networks Corporation MP1S Datasheet HTML 8Page - Mitel Networks Corporation MP1S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
s Single chip full band solution, compatible with
digital and analog transmissions
s Low noise RF input
s High input signal handling to eliminate the
requirement for front end AGC
s Low phase noise local oscillator buffer optimised
for low symbol rate applications
s Low radiation design
s IF AGC amplifier with dual selectable outputs
s ESD protection. (Normal ESD handling
procedures should be observed)
ORDERING INFORMATION
SL2017/KG/MP1S
(Tubes)
SL2017/KG/MP1T (Tape and Reel)
The SL2017 is a fully integrated mixer with output AGC,
intended primarily for application in satellite tuners, where it
downconverts the first high IF from the outdoor unit to the
second IF for data demodulation.
The device contains a low noise RF input amplifier and
mixer functioning to 2.15GHz, an integrated low phase noise
local oscillator buffer and an AGC IF output buffer amplifier.
The IF signal is available at one of two outputs selected by the
IF-OP-SEL input.
The signal handling of the SL2017 is sufficient to greatly
simplify or remove the requirement for input AGC with
appropriate image filtering in full band systems, or to remove
the requirement for band limit filtering with appropriate AGC
in half band systems.
APPLICATIONS
s Satellite tuners
s Communications systems
Fig.1 Pin connections - top view
MP16
V
EE-RF
RF INPUTB
RF INPUT
V
CC-RF
V
CC-LO
LO
LOB
V
EE-LO
AGC CONTROL
IF OUTPUT1
IF OUTPUT1B
V
CC-IF
V
EE-IF
IF OUTPUT2
IF OUTPUT2B
IF OP SEL
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SL2017
Full Band Satellite Tuner
Preliminary Information
DS4889 - 1.2 may 1998


Similar Part No. - MP1S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MP1S MITEL-MP1S Datasheet
566Kb / 20P
Quadrature Downconverter
MP1S MITEL-MP1S Datasheet
522Kb / 20P
Quadrature Downconverter
MP1S MITEL-MP1S Datasheet
84Kb / 6P
Satellite Tuner Front End LNA with AGC
MP1S MITEL-MP1S Datasheet
63Kb / 6P
High Performance Broadband Mixer Oscillator
MP1S MITEL-MP1S Datasheet
60Kb / 6P
High Performance Broadband Downconverter
More results

Similar Description - MP1S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
Satellite Tuner
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
Satellite Tuner
BSFH78G14 SHARP-BSFH78G14 Datasheet
53Kb / 2P
Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
Satellite Tuner
logo
Mitel Networks Corporat...
SL2015 MITEL-SL2015 Datasheet
181Kb / 17P
Full Band Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com