Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MP1S
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MP1S Datasheet HTML 6Page - Mitel Networks Corporation MP1S Datasheet HTML 7Page - Mitel Networks Corporation MP1S Datasheet HTML 8Page - Mitel Networks Corporation MP1S Datasheet HTML 9Page - Mitel Networks Corporation MP1S Datasheet HTML 10Page - Mitel Networks Corporation MP1S Datasheet HTML 11Page - Mitel Networks Corporation MP1S Datasheet HTML 12Page - Mitel Networks Corporation MP1S Datasheet HTML 13Page - Mitel Networks Corporation MP1S Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
SL2017
e) The difference in level in dB between the fundamentals and
the 3rd order products is the IM3 of the device.
f) IP3 may be calculated from the above reading as follows:
IP3 = RF input level + IM3/2.
This level is usually referred to the input.
e.g.
Assuming a measured IM3 of 44dB, and with an input level of
-19dBm,
IP3 = 44/2 + -19dBm = +3dBm
In a 50
Ω system, this may be converted to dBuV by adding 107
to the value calculated since 0dBm = 107dB
µV.
i.e. +3dBm = 110dBuV.
This is known as the input referred IP3 of the device.
If you experience any difficulties with this board, or require
further help, please contact Robert Marsh on 01793 518234
or Fred Herman on 01793 518423. The fax number is 01793
518411.
The in-band ones are listed below:
fd = flo - (2 x f1 - f2)
fc = flo - (2 x f2 - f1)
fd = 1430MHz - (2 x 950MHz - 951MHz) = 481MHz
fc = 1430MHz - (2 x 951MHz - 950MHz) = 478MHz
fa
fb
fc
fd
fundamentals
3rd order product
3rd order product
Measurement of IM3 and IP3
a) Input two signal tones from RF generators. The level of
these should be adjusted so that the device sees an input
signal level of -19dBm from each tone.
Program the local oscillator so that both tones are mixed down
to the IF (approx).
b) Adjust the AGC so that the device gives an overall
conversion gain of +5dB.
c) Connect a spectrum analyser to the selected IF output of
the device.
d) Measure the relative levels of the down converter signals
and the 3rd order products (see diag overleaf).
Two input signals are used:
f1 = 950MHz
f2 = 951MHz
The local oscillator flo is tuned to 1430MHz.
This gives the following at the IF output:
fa = 1430MHz - 950MHz = 480MHz
fb = 1430MHz - 951MHz = 479MHz
Mixing products are also produced in the front end. These
are then downconverted by the mixer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com