Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MP1S
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation MP1S Datasheet HTML 7Page - Mitel Networks Corporation MP1S Datasheet HTML 8Page - Mitel Networks Corporation MP1S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
SL2017
The SL2017 is a downconverter mixer with an output AGC
amplifier, which when used with appropriate external varactor
tuned oscillator performs the first IF tuning function for a full
band satellite receiver system. A block diagram is contained
in Fig. 2.
In application the RF input of the device is interfaced
through
appropriate
impedance matching to the first IF
signal, which is downlinked from the outdoor unit at typically
950-2150MHz. The RF input preamplifier of the device is
designed for low noise figure and for low distortion so
eliminating the requirement for RF AGC. The preamplifier
also provides gain to the mixer section and back isolation from
the local oscillator section.
The output of the preamplifier is fed to the mixer section
where the RF
signal is mixed with the local oscillator
frequency, which is generated by an external oscillator.
Signals from the mixer are fed to the AGC IF amplifier,
which gives an overall conversion gain programmable from
-10 to +30dB. The output of this stage can be switched to one
of two outputs to facilitate IF processing.
FUNCTIONAL DESCRIPTION
Fig. 3
RF input matching network
Fig. 4 Typical external VCO application circuit
6.2nH
TO DEVICE
0.7pF
Fig. 5 LO buffer input impedance
0.5
0.2
1
0
+j0.2
+j0.5
+j1
+j2
+j5
2
5
–j5
–j2
–j1
–j0.5
–j0.2
FREQUENCY MARKERS AT 1.3GHz,
S11:Z0 = 50 Ω
X
X
X
X
NORMALISED TO 50
Ω
1.8GHz, 2.3GHz, 2..8GHz
X
C20
47pF
C22
47pF
1nF
5V
5V
C4
100pF
C5
100pF
C10
1nF
Varactor Line
R1
2K7
R2
5K6
R3
270
C12
100pF
5V
DV1
IT379
C17
0.5pF
C18
NC
DV2
IT379
R6
22K
TR2
BFR182
C21
100pF
C19
100nF
C52
0.5pF
L1
10nH
3
4
1
2
TL1
SNIFFER
R11
22
RF
RF B
C23
2p2F
C24
100pF
RF INPUT
3
Vcc RF
4
LO
6
LO B
7
Vcc LO
5
Vee LO
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com