Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MP1S
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MP1S Datasheet HTML 9Page - Mitel Networks Corporation MP1S Datasheet HTML 10Page - Mitel Networks Corporation MP1S Datasheet HTML 11Page - Mitel Networks Corporation MP1S Datasheet HTML 12Page - Mitel Networks Corporation MP1S Datasheet HTML 13Page - Mitel Networks Corporation MP1S Datasheet HTML 14Page - Mitel Networks Corporation MP1S Datasheet HTML 15Page - Mitel Networks Corporation MP1S Datasheet HTML 16Page - Mitel Networks Corporation MP1S Datasheet HTML 17Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
SL2017
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed by either production test or design. They apply within the specified
ambient temperature and supply voltage unless otherwise stated.
T
AMB = -20°C to + 80°C, VCC= + 4.75V to 5·25V.
IF = 403.25MHz or 479.5MHz; IF bandwidth up to 54MHz maximum. RF input frequency = 950MHz - 2150MHz.
Characteristic
Value
Min
Typ
Max
Units
Conditions
Supply Current, I
CC
4,5,13
80
115
mA
RF input Noise figure
2,3
18
dB
@ T
amb =
27
°C. At maximum gain
Variation of Noise Figure with
1
dB/dB
AGC setting
Conversion gain
AGC bandwidth 100kHz
minimum AGC gain
-15
-5
dB
AGC = 4.0V
maximum AGC gain
25
33
dB
AGC = 1.0V
AGC = self bias (2.4V)
Gain inband ripple
-0.25
+0.25
dB
Channel bandwidth 27MHz
Gain variation across RF input
-2
+2
dB
range
Gain imbalance between IF
10,11
-2
+2
dB
outputs
14,15
RF input impedance, single
2,3
50
Ω
@ T
amb
= 27
°C
ended
RF input return loss
2,3
8
12
dB
Input unmatched @ T
amb
= 27
°C
RF input IP2
2,3
12
14
dBm
See note 2
RF input IP3
2,3
-1
1
dBm
See note 2
RF input IP3 variation with gain
See Fig. 6
Input referred 1dB gain
See Fig. 8
compression
Two tone IM2 distortions with
-31
-33
dBc
See note 2
Two tone IM3 distortions
-36
-40
dBc
See note 2
LO input drive level
6,7
-10
0
dBm
From 1300 - 2700MHz
LO input impedance
6,7
Ω
See Smith chart Fig. 5
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com