Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MP1S
Description  High Performance Broadband Mixer Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SL2030
High Performance Broadband Mixer Oscillator
Preliminary Information
DS5116 Issue 2.1 October 1999
Ordering Information
SL2030/IG/MP1S (Tubes)
SL2030/IG/MP1T (Tape and Reel)
Features
G Single Chip Broadband Solution
G Wide Dynamic Range RF Input
G Low Phase Noise Balanced Internal Local Oscillator
G Wide Frequency Range: 50 to 860 MHz
G ESD Protection 2kV min., MIL-STD-883B Method 3015
Cat.1 (Normal ESD handling procedures should be
observed)
Applications
G Double Conversion Tuners
G Digital Terrestrial Tuners
G Data Transmit Systems
G Data Communications Systems
The SL2030 is a bipolar, broadband wide dynamic range
mixer oscillator, optimised for applications as an
upconverter in double conversion tuner systems. It also
has application in any system where a wide dynamic range
broadband frequency converter is required.
The SL2030 is a single chip solution containing all
necessary active circuitry and simply requires an external
tuneable resonant network for the local oscillator. The block
diagram is shown in Figure 1 and pin connections are
shown in Figure 2.
In normal application the high IF output is interfaced through
appropriate impedance matching to the high IF filter. The
RF input preamplifier of the device is designed for low noise
figure within the operating region and for high
intermodulation distortion intercept so offering good signal
to noise plus composite distortion spurious performance.
The preamplifier also provides gain to the mixer section
and back isolation from the local oscillator section. The
approximate model of the RF input is shown in Figure 3.
Absolute Maximum Ratings
Supply voltage, VCC
RF differential input voltage
All I/O port DC offset
Storage temperature
Junction temperature
Package thermal resistance
Chip to ambient,
θJA
Chip to case,
θJC
20·3V to 17V
2·5V
20·3 to VCC 10·3V
255
°C to 1150°C
1150
°C
20
°C/W
80
°C/W
The output of the preamplifier is fed to the mixer section
which is optimised for low radiation application. In this stage
the RF signal is mixed with the local oscillator frequency,
which is generated by an on-chip oscillator. The oscillator
block uses an external tuneable network and is optimised
for low phase noise. A typical application is shown in
Figure 6 and the typical phase noise performance in
Figure 5. This block also contains a buffer-amplifier to
interface with an external PLL to allow for frequency
synthesis of the local oscillator.
The IF output must be loaded differentially in order to get
best intermodulation performance. The approximate model
of the IF output is shown in Figure 4.
In application care should be taken to achieve symmetric
balance to the IF outputs to maximise intermodulation
performance.
Figure 1 SL2030 block diagram
RFIN
RFIN
LO2
LO1
IF1
IF2
PRSC1


Similar Part No. - MP1S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MP1S MITEL-MP1S Datasheet
566Kb / 20P
Quadrature Downconverter
MP1S MITEL-MP1S Datasheet
522Kb / 20P
Quadrature Downconverter
MP1S MITEL-MP1S Datasheet
84Kb / 6P
Satellite Tuner Front End LNA with AGC
MP1S MITEL-MP1S Datasheet
190Kb / 17P
Full Band Satellite Tuner
MP1S MITEL-MP1S Datasheet
60Kb / 6P
High Performance Broadband Downconverter
More results

Similar Description - MP1S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL2035 MITEL-SL2035 Datasheet
60Kb / 6P
High Performance Broadband Downconverter
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13_07 Datasheet
266Kb / 4P
Broadband Surface Mount Mixer
WJZ1020 WJCI-WJZ1020 Datasheet
85Kb / 3P
Broadband Surface Mount Mixer
logo
BOWEI Integrated Circui...
MDB-04 BOWEI-MDB-04 Datasheet
128Kb / 1P
Broadband Double-balanced Mixer
MDB-09 BOWEI-MDB-09 Datasheet
240Kb / 1P
Broadband Double-balanced Mixer
MDB-10 BOWEI-MDB-10 Datasheet
125Kb / 1P
Broadband Double-balanced Mixer
logo
Marki Microwave
C16-1R726 MARKIMICROWAVE-C16-1R726 Datasheet
411Kb / 2P
Broadband Performance
C20-0R518 MARKIMICROWAVE-C20-0R518 Datasheet
231Kb / 3P
Broadband Performance High Directivity
C20-0R520 MARKIMICROWAVE-C20-0R520 Datasheet
231Kb / 3P
Broadband Performance High Directivity
C20-0R612 MARKIMICROWAVE-C20-0R612 Datasheet
231Kb / 3P
Broadband Performance High Directivity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com