Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MP1S
Description  High Performance Broadband Mixer Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SL2030
C26
C27
C28
C29
C30
C31
C32
C33
C34
C35
C36
C37
C38
C39
C40
C41
C42
C43
C44
C45
C46
C47
D1
D2
L1
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
C19
C20
C21
C22
C23
C24
C25
Component
1nF
1nF
1 nF
1·5pF
1pF
1pF
100pF
100pF
100pF
10
µF
100nF
100nF
100pF
100pF
100nF
100nF
2pF
100pF
1nF
33nF
1nF
Value/type
Component
1·5pF
18pF
330nF
1nF
1nF
100nF
1nF
100pF
4·7
µF
3·3nF
100nF
100nF
100pF
IT402
IT402
100nH
Value/type
L2
L3
L4
L5
L6
L7
L8
L9
L10
L11
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
S1
T1
X1
Component
18nH
220nH
18nH
220nH
220nH
220nH
6·8nH
6·8nH
220
Ω
20
Ω
1k
Ω
120
Ω
120
Ω
15k
Ω
22k
Ω
15k
Ω
1k
Ω
4·7k
Ω
50
Ω
Resonator (Figure 7)
BCW31
4MHz crystal
Value/type
0·5
1·0
1·5
1·5
3
3
3
0·5
0·5
Table 1 Component values for Figure 6
Figure 7 Microstrip resonator (dimensions are in mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com