Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MP1S
Description  High Performance Broadband Mixer Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SL2030
Figure 6 SL2030 upconverter application
SL
2030
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IF2
GND
GND
GND
GND
RFIN
RFIN
IF1
VCC/VCO
LO2
LO1
VCC/VCO
PRSC1
VCC/LNA
L10
L11
R5
C20
R4
C16
L2
L4
L5
C5
C6
B1 BALUN
R3
C4
IF OUT
S1 RESONATOR
C19
C10
C13
VCC2
C17
C9
VCC1
C18
C8
C3
R12
SKT2
C21
SKT1
RFIN
C2
C29
C1
L1
R1
R2
D2
D1
VCC3
C15
C14
C24
R9
R10
C22
EXTERNAL
VARACTOR DRIVE
(REMOVE R9)
SKT4
L7
C35
VCC1
L6
C33
VCC2
L3
C32
VCC3
5V DEVICE SUPPLY
2
1
1
2
3
GND
30V
5V
30V SYNTHESISER
GND
5V SYNTHESISER
J2
POWER
J1
POWER
C11
T1
BCW31
130V
15V
SP
5659
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CP
XTAL
REF/COMP
ADDRESS
SDA
SCL
P3
P2
DRIVE
VEE
RF I/P
RF I/P
VCC
ADC
P0
P1
C42
R7
C31
R8
L9
C4
X1 C30
C38
C47
15V
C43
C46
R11
SCL5
5V
SDA5
J3
3
4
5
6
I2C BUS
NOTE: Refer to Table 1 for component values
C41



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com