Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MP1S
Description  High Performance Broadband Mixer Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SL2030
MP16
SL
2030
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IF2
NC
GND
GND
GND
GND
RFIN
RFIN
IF1
NC
VCC/VCO
LO2
LO1
VCC/VCO
PRSC1
VCC/LNA
Figure 2 Pin connections - top view
Electrical Characteristics
Tamb = 240
°C to 185°C, V
CC = 5V 65%, VEE = 0V. These characteristics are guaranteed by either production test or
design. They apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristic
Conditions
Max.
Min.
Value
Typ.
Units
IF output pins 1 and 16 will be nominally
connected to VCC through the differential
balun load as in Figure 6
Operating condition only
See Figure 3
Differential voltage gain to 50
Ω load on
output of impedance transformer as in
Figure 6.
50-860MHz
Channel bandwidth 8MHz within operating
frequency range
45-865MHz
Pin
99
860
225
11
11
0·5
220
10
9,11,14
7,8
7,8
7,8
7,8
50
25
8
21
6·5
97
10
8
mA
MHz
dB
µV
dB
dB
dB
dB
Supply current
Input frequency range
Composite peak input signal
Input impedance
Input return loss
Conversion gain
Gain variation across
operating range
Gain variation within channel
Through gain
Noise figure
cont…
Quick Reference Data
All data applies with circuit component values given in Table 1
Characteristic
Value
Units
RF input operating frequency range
Input noise Figure, SSB, 50 to 860MHz
Conversion gain 50 to 860MHz
IIP3 input referred
CTB (fully loaded matrix)
P1dB input referred
IIP2 input referred
Composite 2nd order (fully loaded matrix)
LO phase noise at10 kHz offset, fRF 50 to 860MHz, application as in Figure 6
LO leak to RF input
Fundamental
Second harmonic
50-860
8
8
121
,264
104
145
,262
,285,see Figure 5
72
92
MHz
dB
dB
dB
µV
dBc
dB
µV
dB
µV
dBc
dBc/Hz
dB
µV
dB
µV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com