Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MP1S
Description  High Performance Broadband Downconverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS5117 Issue 2.1 October 1999
SL2035
High Performance Broadband Downconverter
Preliminary Information
Ordering Information
SL2035/IG/MP1S (Tubes)
SL2035/IG/MP1T (Tape and Reel)
Features
G Single Chip Broadband Solution
G Wide Dynamic Range RF Input
G Low Phase Noise Balanced Internal Local Oscillator
G High Frequency Range: 1 to 1·3 GHz
G ESD Protection 2kV min., MIL-STD-883B Method 3015
Cat.1 (Normal ESD handling procedures should be
observed)
Applications
G Double Conversion Tuners
G Digital Terrestrial Tuners
G Data Transmit Systems
G Data Communications Systems
The SL2035 is a bipolar, broadband wide dynamic range
mixer oscillator, optimised for applications as the
downconverter in double conversion tuner systems. It also
has application in any system where a wide dynamic range
broadband frequency converter is required.
The SL2035 is a single chip containing all necessary active
circuitry and simply requires an external tuneable resonant
network for the local oscillator. The block diagram is shown
in Figure 1 and pin connections are shown in Figure 2.
In normal application the signal from the high IF output is
connected to the RFIN and RFIN inputs. The RF input
preamplifier of the device is designed for low noise figure
within the operating region and for high intermodulation
distortion intercept so offering good signal to noise plus
composite distortion spurious performance.
The preamplifier also provides gain to the mixer section
and back isolation from the local oscillator section. The
approximate model of the RF input is shown in Figure 3.
Absolute Maximum Ratings
Supply voltage, VCC
RF differential input voltage
All I/O port DC offset
Storage temperature
Junction temperature
Package thermal resistance
Chip to ambient,
θJA
Chip to case,
θJC
20·3V to 17V
2·5V
20·3 to VCC 10·3V
255
°C to 1150°C
1150
°C
20
°C/W
80
°C/W
The output of the preamplifier is fed to the mixer section
which is optimised for low radiation application. In this stage
the RF signal is mixed with the local oscillator frequency,
which is generated by an on-chip oscillator. The oscillator
block uses an external tuneable network and is optimised
for low phase noise. A typical application is shown in
Figure 5. This block also contains a buffer-amplifier to
interface with an external PLL to allow for frequency
synthesis of the local oscillator.
The IF output can be loaded either differentially or single-
ended. It is recommended that the differential load as in
Figure 5 is applied as this gives best noise performance. If
the output is loaded single-ended the noise figure will be
degraded. The approximate model of the IF output is shown
in Figure 4.
In application care should be taken to achieve symmetric
balance to the IF outputs to maximise intermodulation
performance.
Figure 1 SL2035 block diagram
RFIN
RFIN
LO2
LO1
IF1
IF2
PRSC1


Similar Part No. - MP1S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MP1S MITEL-MP1S Datasheet
566Kb / 20P
Quadrature Downconverter
MP1S MITEL-MP1S Datasheet
522Kb / 20P
Quadrature Downconverter
MP1S MITEL-MP1S Datasheet
84Kb / 6P
Satellite Tuner Front End LNA with AGC
MP1S MITEL-MP1S Datasheet
190Kb / 17P
Full Band Satellite Tuner
MP1S MITEL-MP1S Datasheet
63Kb / 6P
High Performance Broadband Mixer Oscillator
More results

Similar Description - MP1S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL2030 MITEL-SL2030 Datasheet
63Kb / 6P
High Performance Broadband Mixer Oscillator
logo
Hittite Microwave Corpo...
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932_15 Datasheet
618Kb / 7P
Exceptional Broadband Performance
MASW20000 MA-COM-MASW20000_15 Datasheet
514Kb / 5P
Very Broadband Performance
MASW-000932 MA-COM-MASW-000932 Datasheet
618Kb / 7P
Exceptional Broadband Performance
logo
Marki Microwave
C09-0R418 MARKIMICROWAVE-C09-0R418 Datasheet
215Kb / 3P
Ultra Broadband Performance
C16-1R726 MARKIMICROWAVE-C16-1R726 Datasheet
411Kb / 2P
Broadband Performance
C20-0R518 MARKIMICROWAVE-C20-0R518 Datasheet
231Kb / 3P
Broadband Performance High Directivity
C20-0R520 MARKIMICROWAVE-C20-0R520 Datasheet
231Kb / 3P
Broadband Performance High Directivity
C20-0R612 MARKIMICROWAVE-C20-0R612 Datasheet
231Kb / 3P
Broadband Performance High Directivity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com