Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MP1S
Description  High Performance Broadband Downconverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SL2035
Electrical Characteristics (continued)
95
25
Characteristic
To device input
To device input
Into 50
Ω load
See Figure 4
Conditions
Max.
Min.
Value
Units
dB
µV
dB
µV
dB
µV
Ω
Ω
Typ.
72
92
75
LO and harmonic leakage
to RF input
Fundamental
2nd harmonic
LO Prescaler output swing
LO Prescaler output impedance
IF output impedance
Pin
7,8
7,8
10
10
1,16
3·3p
6
6
820
PIN 7
PIN 8
2p
325
PIN 1
PIN 16
Figure 3 Approximate model of RF input
Figure 4 Approximate model of IF output
Application Notes
Figure 5 shows the SL2035 in a typical downconverter
application.
The network connected to RF input pin 7 and pin 8 is to
improve the matching between the device input and the
source. The source would normally be from the 1·1MHz
IF output of the upconverter (SL2030) via passive BPF
and gain stage all designed for 50
Ω characteristic
impedance.
The network connected to the IF output pin 1 and pin 16 is
a narrow band tuned balun centred typically on 40MHz.
This matches the device output impedance of nominally
400
Ω (balanced) to 50Ω (unbalanced).
The network connected to the LO pin 12 and pin 13 is a
varactor diode loaded resonant microstrip line resonator.
Fine adjustment of the tuning range can be achieved by
physically moving C19 (see Figure 5) closer to the LO pins.
This extends the bottom end of the tuning range.
It is important to provide good decoupling on the 5V
supplies and to use a layout which provides some isolation
between the RF, IF and LO ports.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com