Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MP1S
Description  High Performance Broadband Downconverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SL2035
0·5
1·0
1·5
1·5
3
3
3
0·5
0·5
Table 1 Component values for Figure 5
Figure 6 Microstrip resonator (dimensions are in mm)
C41
C42
C43
C46
C47
D1
L3
L5
L6
L7
L8
L9
L10
L11
R7
R8
R9
R10
R11
R12
S1
T1
X1
C1
C2
C3
C4
C5
C8
C9
C10
C11
C13
C14
C15
C17
C18
C19
C21
C22
C23
C24
C30
C31
C34
C36
C37
C38
Component
1nF
1nF
1 nF
10nF
56pF
100pF
100pF
100pF
10
µF
100nF
100nF
100pF
100nF
100nF
2pF
1nF
33nF
47pF
1nF
18pF
330nF
100nF
56pF
NC
100nF
Value/type
Component
4·7
µF
3·3nF
100nF
100pF
100pF
IT397
220nH
1·8nH
220nH
220nH
1
µH
220nH
680nH
680nH
15k
Ω
22k
Ω
15k
Ω
1k
Ω
4·7k
Ω
50
Ω
Resonator (Figure 6)
BCW31
4MHz crystal
Value/type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com